Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE220C-LF Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # P6KE220C-LF
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

P6KE220C-LF Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  P6KE220C-LF Datasheet HTML 1Page - Sirectifier Global Corp. P6KE220C-LF Datasheet HTML 2Page - Sirectifier Global Corp. P6KE220C-LF Datasheet HTML 3Page - Sirectifier Global Corp. P6KE220C-LF Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http:// www.sirectsemi.com
BREAKDOWN VOLTAGE
BBR(VOLTS)
DEVICE
MIN
MAX
@IT
(mA)
WORKING
PEAK
REVERSE
VOLTAGE
VRWM(VOLTS)
MAXIMUM
REVERSE
LEAKAGE
AT VRWM
IR(
μA)
MAXIMUM
REVERSE
CURRENT
IRSM
(AMPS)
MAX
CLAMPING
VOLTAGE
VRWM
(VOLTS)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VRR
(%C)
P6KE110(C)-LF
P6KE110(C)A-LF
P6KE120(C)-LF
P6KE120(C)A-LF
P6KE130(C)-LF
P6KE130(C)A-LF
P6KE150(C)-LF
P6KE150(C)A-LF
P6KE160(C)-LF
P6KE160(C)A-LF
P6KE170(C)-LF
P6KE170(C)A-LF
P6KE180(C)-LF
P6KE180(C)A-LF
P6KE200(C)-LF
P6KE200(C)A-LF
P6KE220(C)-LF
P6KE220(C)A-LF
P6KE250(C)-LF
P6KE250(C)A-LF
P6KE300(C)-LF
P6KE300(C)A-LF
P6KE350(C)-LF
P6KE350(C)A-LF
P6KE400(C)-LF
P6KE400(C)A-LF
P6KE440(C)-LF
P6KE440(C)A-LF
P6KE480(C)-LF
P6KE480(C)A-LF
P6KE510(C)-LF
P6KE510(C)A-LF
P6KE540(C)-LF
P6KE540(C)A-LF
99.0
105.0
108.0
114.0
117.0
124.0
135.0
143.0
144.0
152.0
153.0
162.0
162.0
171.0
180.0
190.0
198.0
209.0
225.0
237.0
270.0
285.0
315.0
332.0
360.0
380.0
396.0
418.0
432.0
456.0
459.0
485.0
486.0
513.0
121.0
116.0
132.0
126.0
143.0
137.0
165.0
158.0
176.0
168.0
187.0
179.0
198.0
189.0
220.0
210.0
242.0
231.0
275.0
263.0
330.0
315.0
385.0
368.0
440.0
420.0
484.0
462.0
528.0
504.0
561.0
535.0
594.0
567.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
89.2
94.0
97.2
102.0
105.0
111.0
121.0
128.0
130.0
136.0
138.0
145.0
146.0
154.0
162.0
171.0
175.0
185.0
202.0
214.0
243.0
256.0
284.0
300.0
324.0
342.0
356.0
376.0
389.0
408.0
413.0
434.0
437.0
459.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
3.8
4.0
3.5
3.6
3.2
3.3
2.8
2.9
2.6
2.7
2.5
2.6
2.3
2.4
2.1
2.2
1.75
1.83
1.67
1.75
1.4
1.45
1.2
1.25
1.05
1.1
0.95
1.00
0.88
0.91
0.82
0.86
0.78
0.81
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
244.0
234.0
258.0
246.0
287.0
274.0
344.0
328.0
360.0
344.0
430.0
414.0
504.0
482.0
574.0
548.0
630.0
600.0
686.0
658.0
729.0
698.0
772.0
740.0
0.107
0.107
0.107
0.107
0.107
0.107
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
0.110
NOTES: 1. VBR MEASURED AFTER IT APPLIED FOR 300 μS,IT=SQUARE WAVE PULSE OR EQUIVALENT
2. SURGE CURRENT WAVEFORM PER FIGURE 3 AND DERATED PER FIGUE 2.
3. VF=3.5V AT IF=50A (P6KE6.8(C) THRU P6KE200(C)A)
VF=6.5V AT IF=50A (P6KE220(C) THRU P6KE540(C)A) ON 1/2 SQUARE OR EQUIVALENT SINE WAVE.
PW=8.3ms, DUTY CYCLE=4 PULSES PER MINUTE MXIMUM
4. FOR BIPOLAR TYPES HAVING VRWM OF 10 VOLTS AND UNDER, THE IR LIMIT IS DOUBLED


Similar Part No. - P6KE220C-LF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P6KE220C-G COMCHIP-P6KE220C-G Datasheet
132Kb / 5P
   600W Transient Voltage Suppressor
P6KE220C-G COMCHIP-P6KE220C-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
More results

Similar Description - P6KE220C-LF

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com