Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3003-04XTG Datasheet(PDF) 6 Page - Littelfuse

Part # SP3003-04XTG
Description  Low Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003-04XTG Datasheet(HTML) 6 Page - Littelfuse

  SP3003-04XTG Datasheet HTML 1Page - Littelfuse SP3003-04XTG Datasheet HTML 2Page - Littelfuse SP3003-04XTG Datasheet HTML 3Page - Littelfuse SP3003-04XTG Datasheet HTML 4Page - Littelfuse SP3003-04XTG Datasheet HTML 5Page - Littelfuse SP3003-04XTG Datasheet HTML 6Page - Littelfuse SP3003-04XTG Datasheet HTML 7Page - Littelfuse SP3003-04XTG Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
70
Revised: August 19, 2010
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Low Capacitance ESD Protection Array
SP3003 Lead-Free/Green Series
Product Characteristics
Lead Plating
Matte Tin (SC70-x, MSOP-10),
Pre-Plated Frame (SOT5x3)
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-223 Issue A
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
Part Numbering System
Part Marking System
SP3003-04 XTG
Silicon
Protection
Array
Series
Number of Channels
-02 = 2 channel
(SC70-5, SOT553 packages)
-04 = 4 channel
(SC70-6, SOT563, MSOP-10 packages)
Package
A = MSOP-10, 3000 quantity
J = SC70-5 or SC70-6, 3000 quantity
X = SOT553 or SOT563, 5000 quantity
T= Tape & Reel
G= Green
XXX
X X X
Product Series
(varies) F, H or P =
SP3003 series Assembly Site
(varies)
Number of Channels
(varies) 2 or 4
Package Dimensions — SOT563
T
O
S
e
g
a
k
c
a
P
563
6
s
n
i
P
Millimeters
Inches
Min
Max
Min
Max
A
0.50
0.60
0.020
0.024
B
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
0.50 BSC
0.020 BSC
L
0.10
0.30
0.004
0.012
HE
1.50
1.70
0.059
0.067
c
HE
L
A
D
6
4
2
3
E
e
B
5
Solder Pad Layout
Package Dimensions — MSOP10
0
1
P
O
S
M
e
g
a
k
c
a
P
0
1
s
n
i
P
Millimeters
Inches
Min
Max
Min
Max
A
-
1.10
-
0.043
A1
0.00
0.15
0.000
0.006
B
0.17
0.27
0.007
0.011
c
0.08
0.23
0.003
0.009
D
2.90
3.10
0.114
0.122
E
4.67
5.10
0.184
0.200
E1
2.90
3.10
0.114
0.122
e
0.50 BSC
0.020 BSC
HE
0.40
0.80
0.016
0.031
Solder Pad Layout


Similar Part No. - SP3003-04XTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-04XTG LITTELFUSE-SP3003-04XTG Datasheet
152Kb / 1P
   Some Ethernet ports only need be protected for ESD and not for lightning induced transients
SP3003-04XTG LITTELFUSE-SP3003-04XTG Datasheet
1Mb / 7P
   SP3003 Series 0.65pF Diode Array
More results

Similar Description - SP3003-04XTG

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
   Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
   Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
   Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
   Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com