Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5757 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5757
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757 Datasheet(HTML) 2 Page - Analog Devices

  AD5757 Datasheet HTML 1Page - Analog Devices AD5757 Datasheet HTML 2Page - Analog Devices AD5757 Datasheet HTML 3Page - Analog Devices AD5757 Datasheet HTML 4Page - Analog Devices AD5757 Datasheet HTML 5Page - Analog Devices AD5757 Datasheet HTML 6Page - Analog Devices AD5757 Datasheet HTML 7Page - Analog Devices AD5757 Datasheet HTML 8Page - Analog Devices AD5757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 2 of 31
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Product Highlights ........................................................................... 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Performance Characteristics................................................ 5
Timing Characteristics ................................................................ 6
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 13
Theory of Operation ...................................................................... 14
DAC Architecture....................................................................... 14
Power On State of AD5757/AD5737 ....................................... 14
Serial Interface ............................................................................ 14
Registers........................................................................................... 15
Programming Sequence to Write/Enable the Output
Correctly...................................................................................... 16
Changing and Reprogramming the Range ............................. 16
Data Registers ............................................................................. 17
Control Registers........................................................................ 20
Readback Operation .................................................................. 23
Features............................................................................................ 25
Output Fault................................................................................ 25
Digital Offset and Gain Control............................................... 25
Status Readback During Write ................................................. 25
Asynchronous Clear................................................................... 25
Packet Error Checking............................................................... 26
Watchdog timer.......................................................................... 26
Output Alert................................................................................ 26
Internal Reference ...................................................................... 26
External current setting resistor............................................... 26
HART........................................................................................... 26
Slew rate control ......................................................................... 26
Power Dissipation control......................................................... 27
DC-DC Converters.................................................................... 27
Applications Information.............................................................. 29
Precision Voltage Reference Selection..................................... 29
Driving Inductive Loads............................................................ 29
Transient voltage protection ..................................................... 29
Microprocessor Interfacing....................................................... 29
Layout Guidelines....................................................................... 29
Galvanically Isolated Interface ................................................. 30
Outline Dimensions....................................................................... 31
Ordering Guide .......................................................................... 31


Similar Part No. - AD5757

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5757 AD-AD5757 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757 AD-AD5757 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5757ACPZ AD-AD5757ACPZ Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757ACPZ-REEL7 AD-AD5757ACPZ-REEL7 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
More results

Similar Description - AD5757

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5421 AD-AD5421 Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com