Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3011-06UTG Datasheet(PDF) 4 Page - Littelfuse

Part # SP3011-06UTG
Description  Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3011-06UTG Datasheet(HTML) 4 Page - Littelfuse

  SP3011-06UTG Datasheet HTML 1Page - Littelfuse SP3011-06UTG Datasheet HTML 2Page - Littelfuse SP3011-06UTG Datasheet HTML 3Page - Littelfuse SP3011-06UTG Datasheet HTML 4Page - Littelfuse SP3011-06UTG Datasheet HTML 5Page - Littelfuse SP3011-06UTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
88
Revised: May 10, 2010
©2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
SP3011 Lead-Free/Green Series
Reflow Condition
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
Do not exceed
260°C
Soldering Parameters
Application Example
Signal GND
USB Controller
USB Port
Outside
World
VBUS
SSTX+
SSTX-
SSRX+
SSRX-
GND
D+
D-
SP3011-06UTG
IC


Similar Part No. - SP3011-06UTG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SP301 BURR-BROWN-SP301 Datasheet
199Kb / 16P
   12-Bit, 12MHz CCD/CIS SIGNAL PROCESSOR
logo
Sipex Corporation
SP301 SIPEX-SP301 Datasheet
186Kb / 18P
   RS-232/RS-422 Line Drivers/Receivers
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
   Ultra-Low Capacitance Diode Array for ESD Protection
SP3010 LITTELFUSE-SP3010 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
SP3010-04UTG LITTELFUSE-SP3010-04UTG Datasheet
267Kb / 5P
   Ultra-Low Capacitance Diode Array for ESD Protection
More results

Similar Description - SP3011-06UTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
   Ultra-Low Capacitance Diode Array for ESD Protection
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com