Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5755 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 5 Page - Analog Devices

  AD5755 Datasheet HTML 1Page - Analog Devices AD5755 Datasheet HTML 2Page - Analog Devices AD5755 Datasheet HTML 3Page - Analog Devices AD5755 Datasheet HTML 4Page - Analog Devices AD5755 Datasheet HTML 5Page - Analog Devices AD5755 Datasheet HTML 6Page - Analog Devices AD5755 Datasheet HTML 7Page - Analog Devices AD5755 Datasheet HTML 8Page - Analog Devices AD5755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 5 of 34
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Gain TC2
−TBD
+TBD
ppm FSR/°C
Full-Scale Error
−0.12
+0.12
% FSR
−TBD
TBD
+TBD
% FSR
TA = 25°C
Full-Scale TC2
−TBD
+TBD
ppm FSR/°C
OUTPUT CHARACTERISTICS2
Current Loop Compliance Voltage
TBD
AVDD -
2.5
V max
Output Current Drift vs. Time
±TB
D
ppm FSR
Drift after 500 hours, TJ = 150°C
(this is included in the TUE specifications)
±TB
D
ppm FSR
Drift after 1000 hours, TJ = 150°C
(this is included in the TUE specifications)
Resistive Load
See
Com
men
t
Ω max
Chosen such that compliance is not exceeded. Plus
see graph on load vs. AVcc and DCDC switching freq.
Inductive Load
See
Com
men
t
H max
Will need appropriate cap at higher inductance values.
See Page X of Datasheet.
DC PSRR
TBD
µA/V
TBD
µA/V
Output Impedance
50
MΩ
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
4.95
5
5.05
V nom
For specified performance
DC Input Impedance
5
TBD
MΩ min
Reference Output
Output Voltage
4.998
5
5.002
V
TA = 25°C
Reference TC2,3
-10
±5
10
ppm/°C
Output Noise (0.1 Hz to 10 Hz)2
TBD
µV p-p typ
Noise Spectral Density2
TBD
nV/√Hz typ
At 10 kHz
Output Voltage Drift vs. Time2
±TB
D
ppm
Drift after 500 hours, TJ = 150°C
±TB
D
ppm
Drift after 1000 hours, TJ = 150°C
Capacitive Load2
TBD
nF
Load Current
5
mA
Short Circuit Current
7
mA
Line Regulation2
10
ppm/V
Load Regulation2
TBD
ppm/mA
Thermal Hysteresis2
TBD
ppm
DC-DC
SWITCH
SWITCH On Resistance
0.5
ohm
SWITCH Leakage Current
TBD
uA
VIN=TBD, IOUT=TBD, RLOAD=TBD
Peak Current Limit
0.8
A
OSCILLATOR
Oscillator Frequency
TBD
TBD
TBD
KHz
Maximum Duty Cycle
TBD
%
DIGITAL INPUTS2
JEDEC compliant
VIH, Input High Voltage
2
V
VIL, Input Low Voltage
0.8
V


Similar Part No. - AD5755

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755 AD-AD5755 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755 AD-AD5755 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
More results

Similar Description - AD5755

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com