Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP3002 Datasheet(PDF) 7 Page - Littelfuse

Part No. SP3002
Description  Low Capacitance ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

SP3002 Datasheet(HTML) 7 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
51
©2010 Littelfuse, Inc.
Revised: February 9, 2010
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3002 Lead-Free/Green Series
Embossed Carrier Tape & Reel Specification - SC70-6
Symbol
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.096
K0
1.12
1.32
0.044
0.052
t
0.27 Max
0.010 Max
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP3002-04HTG
SOT23-6
EX4
3000
SP3002-04JTG
SC70-6
EX4
3000
SP3002-04UTG
EX4
3000
Product Characteristics
Lead Plating
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-223 Issue A
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
Part Numbering System
Part Marking System
SP3002-04XTG
Series
Package
H = SOT23-6
J = SC70-6
U = uDFN-6
T= Tape & Reel
G= Green
Silicon
Protection
Array
Number of Channels
-04 = 4 channel
EX4
E X 4
Product Series
E = SP3002 series
Assembly Site
(varies)
Number of Channels


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn