Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3001 Datasheet(PDF) 5 Page - Littelfuse

Part # SP3001
Description  Low Capacitance ESD Protection Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3001 Datasheet(HTML) 5 Page - Littelfuse

  SP3001_10 Datasheet HTML 1Page - Littelfuse SP3001_10 Datasheet HTML 2Page - Littelfuse SP3001_10 Datasheet HTML 3Page - Littelfuse SP3001_10 Datasheet HTML 4Page - Littelfuse SP3001_10 Datasheet HTML 5Page - Littelfuse SP3001_10 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
43
©2010 Littelfuse, Inc.
Revised: February 9, 2010
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Low Capacitance ESD Protection Array
SP3001 Lead-Free/Green Series
Package Dimensions - SC70-6
Package
SC70-6
Pins
6
JEDEC
MO-203 Issue A
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.004
A2
1.00
0.028
0.039
B
0.15
0.30
0.006
0.012
c
0.08
0.25
0.003
0.010
D
1.85
2.25
0.089
E
1.15
1.35
0.045
0.053
e
0.65 BSC
0.026 BSC
HE
2.00
2.40
0.094
L
0.26
0.46
0.010
0.018
D
A2 A
A1
C
L
E
HE
2
1
3
6
5
4
e
e
B
Part Numbering System
Product Characteristics
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP3001-04JTG
DX4
3000
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Part Marking System
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-223 Issue A
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
SP3001-04 J T G
Silicon
Protection
Array
Series
Number of Channels
-04 = 4 channel
Package
J = SC70-6, 3000 quantity
T= Tape & Reel
G= Green
DX4
D X 4
Product Series
D = SP3001 series
Assembly Site
(varies)
Number of Channels
Solder Pad Layout


Similar Part No. - SP3001_10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
More results

Similar Description - SP3001_10

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
   Low Capacitance ESD protection array
2009-08-20
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
   Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
   Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
   Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
   Low Capacitance ESD Protection Array
CPDVR105V0USP-HF COMCHIP-CPDVR105V0USP-HF Datasheet
373Kb / 4P
   Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com