Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4216 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4216
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4216 Datasheet(HTML) 6 Page - Semtech Corporation

  SC4216 Datasheet HTML 1Page - Semtech Corporation SC4216 Datasheet HTML 2Page - Semtech Corporation SC4216 Datasheet HTML 3Page - Semtech Corporation SC4216 Datasheet HTML 4Page - Semtech Corporation SC4216 Datasheet HTML 5Page - Semtech Corporation SC4216 Datasheet HTML 6Page - Semtech Corporation SC4216 Datasheet HTML 7Page - Semtech Corporation SC4216 Datasheet HTML 8Page - Semtech Corporation SC4216 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC4216
6
Pin Descriptions
Pin #
Pin Name
Pin Function
2
EN
Enable Input. Pulling this pin below 0.4V turns the regulator o , reducing the quiescent current to
a fraction of its operating value. The device will be enabled if this pin is left open. Connect to VIN if
not being used.
3
VIN
Input voltage. For regulation at full load, the input to this pin must be between (VO+ 0.5V) and
5.5V. Minimum VIN = 1.45V. A large bulk capacitance should be placed closely to this pin to ensure
that the input supply does not sag below 1.4V. Also a minimum of 4.7uF ceramic capacitor should
be placed directly at this pin.
6
VO
The pin is the power output of the device. A minimum of 10uF capacitor should be placed directly
at this pin.
7
FB
When this pin is grounded, an internal resistor divider sets the output voltage to 1.2V. If connected
to the Vo pin, the output voltage will be set at 0.5V. If external feedback resistors are used, the
output voltage will be determined by the resistor ratio (See Application Circuits on page 1):
8
GND
Reference ground. The GND pin and the exposed die pad must be connected together at the IC
pin.
1, 4, 5
NC
No Connection.
THERMAL PAD
Pad for heatsinking purposes. Connect to ground plane using multiple vias.
Block Diagram


Similar Part No. - SC4216

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4216 SEMTECH-SC4216 Datasheet
219Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216EVB SEMTECH-SC4216EVB Datasheet
219Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216HEVB SEMTECH-SC4216HEVB Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216HSETRT SEMTECH-SC4216HSETRT Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results

Similar Description - SC4216

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216 SEMTECH-SC4216 Datasheet
219Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002 Datasheet
836Kb / 16P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-Amp Regulator With Enable
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com