Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4215H Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4215H
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215H Datasheet(HTML) 6 Page - Semtech Corporation

  SC4215H Datasheet HTML 1Page - Semtech Corporation SC4215H Datasheet HTML 2Page - Semtech Corporation SC4215H Datasheet HTML 3Page - Semtech Corporation SC4215H Datasheet HTML 4Page - Semtech Corporation SC4215H Datasheet HTML 5Page - Semtech Corporation SC4215H Datasheet HTML 6Page - Semtech Corporation SC4215H Datasheet HTML 7Page - Semtech Corporation SC4215H Datasheet HTML 8Page - Semtech Corporation SC4215H Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC4215H
6
Pin Descriptions
Pin #
Pin Name
Pin Function
2
EN
Enable Input. Pulling this pin below 0.4V turns the regulator off, reducing the quiescent current to
a fraction of its operating value. The device will be enabled if this pin is left open. Connect to VIN if
not being used.
3
VIN
Input voltage. For regulation at full load, the input to this pin must be between (VO+ 0.5V) and
6.0V. Minimum VIN = .4V. A large bulk capacitance should be placed closely to this pin to ensure
that the input supply does not sag below .4V. Also a minimum of 4.7uF ceramic capacitor should
be placed directly at this pin.
6
VO
The pin is the power output of the device. A minimum of 0uF capacitor should be placed directly
at this pin.
7
FB
When this pin connected to the Vo pin, the output voltage will be set at 0.5V. If external feedback
resistors are used, the output voltage will be determined by the resistor ratio (See Application
Circuits on page ):
8
GND
Reference ground. The GND pin and the exposed die pad must be connected together at the IC
pin.
, 4, 5
NC
No Connection.
THERMAL PAD
Pad for heatsinking purposes. Connect to ground plane using multiple vias.
Block Diagram


Similar Part No. - SC4215H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4215 SEMTECH-SC4215 Datasheet
1,013Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215AEVB SEMTECH-SC4215AEVB Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
More results

Similar Description - SC4215H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_06 Datasheet
213Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_09 Datasheet
1,013Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7001 TI-TPS7A7001_15 Datasheet
843Kb / 21P
[Old version datasheet]   TPS7A7001 Very Low Input, Very Low Dropout, 2-Amp Regulator With Enable
logo
Semtech Corporation
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com