Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1564ML-1.5TRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1564ML-1.5TRT
Description  Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1564ML-1.5TRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1564ML-1.5TRT Datasheet HTML 3Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 4Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 5Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 6Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 7Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 8Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 9Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 10Page - Semtech Corporation SC1564ML-1.5TRT Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SC1564
7
Pin Descriptions
Pin #
Pin Name Pin Function

IN
Input voltage. For regulation at full load, the input to this pin must be between (V
OUT + 0.95V) and 5.5V.
Minimum V
IN = 2.7V.
2
NC
No connect
3
NC
No connect
4
OUT
This pin is the power output of this device, sourcing up to 600mA.
5
ADJ
This pin sets the output voltage when grounded by the set of internal feedback resistors. If
external feedback resistors are used, the output voltage will be:
6
NC
No connect
7
SHDN
Shutdown Input. Pulling this pin high turns the regulator off, reducing the quiescent current to a fraction
of its operating value (typically < 300nA). The device will be enabled if this pin is pulled below 0.4V. Con-
nect to GND if not being used.
8
GND
Reference ground.
T
Thermal Pad Thermal pad for heatsinking purposes. Not connected internally
V
R
)
R
(R
1.200
V
2
2
1
OUT
R1: The resistor connected from OUT to ADJ.
R2: The resistor connected from ADJ to GND.


Similar Part No. - SC1564ML-1.5TRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1563 SEMTECH-SC1563 Datasheet
97Kb / 8P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-1.8 SEMTECH-SC1563IMS-1.8 Datasheet
97Kb / 8P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-2.5 SEMTECH-SC1563IMS-2.5 Datasheet
97Kb / 8P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-2.8 SEMTECH-SC1563IMS-2.8 Datasheet
97Kb / 8P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
SC1563IMS-3.0 SEMTECH-SC1563IMS-3.0 Datasheet
97Kb / 8P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
More results

Similar Description - SC1564ML-1.5TRT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com