Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1302D Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1302D
Description  Dual High Speed Low-Side MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302D Datasheet(HTML) 5 Page - Semtech Corporation

  SC1302D Datasheet HTML 1Page - Semtech Corporation SC1302D Datasheet HTML 2Page - Semtech Corporation SC1302D Datasheet HTML 3Page - Semtech Corporation SC1302D Datasheet HTML 4Page - Semtech Corporation SC1302D Datasheet HTML 5Page - Semtech Corporation SC1302D Datasheet HTML 6Page - Semtech Corporation SC1302D Datasheet HTML 7Page - Semtech Corporation SC1302D Datasheet HTML 8Page - Semtech Corporation SC1302D Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC1302A/B/C/D/E/F
5
Typical Characteristics
Rise and Fall Time vs. Supply Voltage
10
15
20
25
4
8
12
16
Supply Voltage (V)
CL = 1000pF; TA = 25°C
tf
tr
Rise and Fall Time vs. Capacitive Load
0
20
40
60
80
100
1000
10000
Capacitive Load (pF)
tf
tr
VCC = 12V; f = 200kHz; TA = 25°C
Supply Current vs. Capacitive Load
0
10
20
30
40
100
1000
10000
Capacitive Load (pF)
200kHz
100kHz
VCC = 12V One Driver Running; TA = 25°C
Input Pin Current
-10
-5
0
5
10
15
0
4
8
12
VIN (V)
Inverting
Non-inverting


Similar Part No. - SC1302D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302D SEMTECH-SC1302D Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302D SEMTECH-SC1302D Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302DSTRT SEMTECH-SC1302DSTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302DSTRT SEMTECH-SC1302DSTRT Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
More results

Similar Description - SC1302D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
   Dual High Speed Low-Side MOSFET Driver
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
   High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Texas Instruments
UCC27324-Q1 TI1-UCC27324-Q1_15 Datasheet
462Kb / 22P
[Old version datasheet]   Dual 4A Peak High-Speed Low-Side Power MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
   High-Speed High-Side MOSFET Driver
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
   High-Speed High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com