Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL3030PT Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # SBL3030PT
Description  Power Schottky Rectifier - 30Amp 30Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SBL3030PT Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SBL3030PT Datasheet HTML 1Page - Sirectifier Global Corp. SBL3030PT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
http:// www.sirectsemi.com
0
10
30
40
175
CASE TEMPERATURE ( )
Figure 1. Forward Current Derating Curve
20
150
125
100
75
50
25
RESISTIVE OR
INDUCTIVE LOAD
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
400
100
300
200
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1.0
10
100
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
TJ=25℃
TJ=75℃
TJ=125℃
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10
100
TJ=25ºC
PULSE WIDTH 300μs
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
100
1000
10000
TJ =25℃
f =1MHz
SBL3030PT
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - SBL3030PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL3030PT DIODES-SBL3030PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23018 Rev. E-2
logo
General Semiconductor
SBL3030PT GE-SBL3030PT Datasheet
72Kb / 2P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBL3030PT DIODES-SBL3030PT Datasheet
74Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
DS23018 Rev. 10 - 2
logo
List of Unclassifed Man...
SBL3030PT ETC2-SBL3030PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SBL3030PT BILIN-SBL3030PT Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL3030PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SBL30L30CT SIRECT-SBL30L30CT Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 30Volt
SBL3030CT SIRECT-SBL3030CT Datasheet
179Kb / 2P
   Power Schottky Rectifier - 30Amp 30Volt
SBL30L30PT SIRECT-SBL30L30PT Datasheet
178Kb / 2P
   Power Schottky Rectifier - 30Amp 30Volt
SBL30L30CT SIRECT-SBL30L30CT Datasheet
179Kb / 2P
   Power Schottky Rectifier - 30Amp 30Volt
SBL4030PT SIRECT-SBL4030PT Datasheet
164Kb / 2P
   Power Schottky Rectifier - 40Amp 30Volt
SBL4030CT SIRECT-SBL4030CT Datasheet
178Kb / 2P
   Power Schottky Rectifier - 40Amp 30Volt
MBR30100CT SIRECT-MBR30100CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 100Volt
SBL30L45CT SIRECT-SBL30L45CT Datasheet
141Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
SBL30L60CTH SIRECT-SBL30L60CTH Datasheet
130Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
SBL30L60PT SIRECT-SBL30L60PT Datasheet
129Kb / 2P
   Power Schottky Rectifier - 30Amp 60Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com