Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE27A-LF Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # P4KE27A-LF
Description  400W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

P4KE27A-LF Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  P4KE27A-LF Datasheet HTML 1Page - Sirectifier Global Corp. P4KE27A-LF Datasheet HTML 2Page - Sirectifier Global Corp. P4KE27A-LF Datasheet HTML 3Page - Sirectifier Global Corp. P4KE27A-LF Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http:// www.sirectsemi.com
400W TRANSIENT VOLTAGE SUPPRESSOR
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
400W SURGE CAPABILITY AT 1ms
EXCELLENT CLAMPING CAPABILITY
LOW ZENER IMPEDANCE
FAST RESPONSE TIME:TYPICALLY LESS THAN 1.0 PS FROM
0 VOLTS TO BV MIN
TYPICAL IR LESS THAN 1
μA ABOVE 10V
HIGH TEMPERATURE SOLDERING GUARANTEED:260℃/10S
/.375〞(9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION
LEAD FREE
MECHANICAL DATA
CASE:MOLDED PLASTIC
TERMINALS︰AXIAL LEADS, SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY:COLOR BAND DENOTED CATHODE EXCEPT
BIPOLAR
CASE:DO41
WEIGHT:0.34 GRAMS
DIMENSIONS IN INCHES AND (MILLIMETERS)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
RATINGS
SYMBOL
VALUE
UNITS
PEAK POWER DISSIPATION AT TA=25℃, TP=1ms(NOTE1)
PPK
MINIMUM 400
WATTS
PEAK PULSE CURRENT WITH A 10/1000us WAVEFORM(NOTE 1)
IPPM
SEE NEXT TABLE
A
STEADY STATE POWER DISSIPATION AT TL=75℃,
LEAD LENGTHS 0.375” (9.5mm) (NOTE2)
PM(AV)
1.0
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
(JEDEC METHOD) (NOTE 3)
IFSM
40.0
Amps
TYPICAL THERMAL RESISTANCE JUNCTUION-TO-AMBIENT
RθJA
100
℃/W
OPERATING AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 175
NOTE
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25℃PER FIG 2.
2. MOUNTED ON COPPER PAD AREA OF 1.6×1.6” (40×40mm) PER FIG. 5
3. 8.3ms SINGLE HALF SINE-WAVE, DUTY CYCLE=4 PULSES PER MINUTES MAXIMUM
4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10﹪TOLERANCE, CA SUFFIX FOR 5﹪TOLERANCE
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)
E L E C T R O N I C
P4KE6.8(C)-LF
THRU
P4KE540(C)A-LF


Similar Part No. - P4KE27A-LF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE27A-B LITTELFUSE-P4KE27A-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE27A-C SECOS-P4KE27A-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE27A-G COMCHIP-P4KE27A-G Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
P4KE27A-HF COMCHIP-P4KE27A-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
logo
Won-Top Electronics
P4KE27A-T8 WTE-P4KE27A-T8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE27A-LF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com