Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1150 Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # SB1150
Description  Power Schottky Rectifier - 1Amp 150~200Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB1150 Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  SB1150 Datasheet HTML 1Page - Sirectifier Global Corp. SB1150 Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 1Amp 150~200Volt
Features
-Low forward voltage drop
-High current capability
-High reliability
-High surge current capability
-Epitaxial construction
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Lead
:Axial leads, solderable per MIL-STD-202,method 208 guaranteed
-Polarity
:Color band denotes cathode end
-Mounting position
:Any
-Weight
:0.34 grams
Maximum ratings and Electrical characteristics
TYPE
SB1150
SB1200
UNIT
Maximum Recurrent Peak Reverse Voltage
150
200
V
Maximum RMS Voltage
105
140
V
Maximum DC Blocking Voltage
150
200
V
Maximum Average Forward Rectified Current
1.0
A
Peak Forward Surge Current, 8.3ms single half sine-wave superimposed
on rated load(JEDEC method)
30
A
Maximum Instantaneous Forward Voltage at 1.0A
0.88
0.90
V
Ta = 25ºC
0.01
Maximum DC Reverse Current at Rated DC
Blocking Voltage
Ta = 100ºC
10
mA
Typical Junction Capacitance
110
pF
Typical Thermal Resistance RθJA
30
ºC/W
Operating Temperature Range TJ
-50 to +175
ºC
Storage Temperature Range TSTG
-50 to +150
ºC
Note: Pulse Test : 380μs pulse width, 2% duty cycle
September 2008 / Rev.6.2
DO-41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
E
L
E
C
T
R
O
N
I
C
SB1150~SB1200


Similar Part No. - SB1150

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB1150 CTC-SB1150 Datasheet
51Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu High diode Semi...
SB1150 HDSEMI-SB1150 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
logo
Compact Technology Corp...
SB1150 CTC-SB1150 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SB1150 ZSELEC-SB1150 Datasheet
128Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
logo
Microdiode Electronics ...
SB1150 CHENDA-SB1150 Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1150

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB1150H SIRECT-SB1150H Datasheet
222Kb / 2P
   Power Schottky Rectifier - 1Amp 150~200Volt
SB140EH SIRECT-SB140EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
MBR140 SIRECT-MBR140 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
SB3150 SIRECT-SB3150 Datasheet
210Kb / 2P
   Power Schottky Rectifier - 3Amp 150~200Volt
SB2150H SIRECT-SB2150H Datasheet
222Kb / 2P
   Power Schottky Rectifier - 2Amp 150~200Volt
SB5150 SIRECT-SB5150 Datasheet
210Kb / 2P
   Power Schottky Rectifier - 5Amp 150~200Volt
SB2150 SIRECT-SB2150 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 2Amp 150~200Volt
logo
International Rectifier
10BQ100 IRF-10BQ100 Datasheet
250Kb / 4P
   SCHOTTKY RECTIFIER, 1Amp
logo
Sirectifier Global Corp...
SB10200FC SIRECT-SB10200FC Datasheet
219Kb / 3P
   Power Schottky Rectifier - 10Amp 200Volt
MBR10B200CTH SIRECT-MBR10B200CTH Datasheet
147Kb / 4P
   Power Schottky Rectifier - 10Amp 200Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com