Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB240 Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # SB240
Description  Power Schottky Rectifier - 2Amp 20~100Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB240 Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SB240 Datasheet HTML 1Page - Sirectifier Global Corp. SB240 Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
http:// www.sirectsemi.com
0
2.4
0
40
80
100
AMBIENT TEMPERATURE ,
Figure 1. Forward Current Derating Curve
0.8
1.6
120
60
20
140
160
0.4
1.2
2.0
2.8
0
40
1
5
20
50
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
10
20
100
10
2
30
Single Half-Sine-Wave
(JEDEC METHOD)
50
0.01
0.1
10
REVERSE VOLTAGE , VOLTS
Figure 3. Typical Junction Capacitance
100
1
0
100
200
300
400
500
600
700
0.01
0.1
0.7
1.3
FORWARD VOLTAGE , VOLTS
Figure 4. Typical Forward Characteristics
1.1
0.3
0.5
0.9
1.5
0.1
1
10
100
SB
22
0-
SB
24
0
SB
25
0-
SB
26
0
SB
28
0-
SB
21
00
TJ=25ºC
Pulse Width 300μs
1% Duty Cycle
0.01
0
60
120
PERCENT OF RATED PEAK REVERSE VOLTAGE , (%)
Figure 5. Typical Reverse Characteristics
100
20
40
80
140
0.1
1
10
100
Tj = 75℃
Tj = 25℃
SB220~SB2100
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - SB240

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SB240 TAYCHIPST-SB240 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB240 PANJIT-SB240 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SAMYANG ELECTRONICS CO....
SB240 SAMYANG-SB240 Datasheet
732Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
SB240 DACHANG-SB240 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB240 PANJIT-SB240 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB240

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB2100E SIRECT-SB2100E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2100H SIRECT-SB2100H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240H SIRECT-SB240H Datasheet
226Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240S SIRECT-SB240S Datasheet
214Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240 SIRECT-SB240 Datasheet
213Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240E SIRECT-SB240E Datasheet
237Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB320 SIRECT-SB320 Datasheet
213Kb / 2P
   Power Schottky Rectifier - 3Amp 20~100Volt
SB520FC SIRECT-SB520FC Datasheet
217Kb / 3P
   Power Schottky Rectifier - 5Amp 20~100Volt
logo
International Rectifier
20CJQ100 IRF-20CJQ100 Datasheet
182Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
20CJQ045 IRF-20CJQ045 Datasheet
180Kb / 4P
   SCHOTTKY RECTIFIER, 2Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com