Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1100 Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # SB1100
Description  Power Schottky Rectifier - 1Amp 40~100Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB1100 Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  SB1100 Datasheet HTML 1Page - Sirectifier Global Corp. SB1100 Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
http:// www.sirectsemi.com
0
1.2
0
50
100
125
AMBIENT TEMPERATURE ,
Figure 1. Forward Current Derating Curve
0.4
0.8
150
75
25
175
200
0.2
0.6
1.0
1.4
0
24
1
5
20
50
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
6
12
100
10
2
18
Single Half-Sine-Wave
(JEDEC METHOD)
30
0.01
0.1
10
REVERSE VOLTAGE , VOLTS
Figure 3. Typical Junction Capacitance
100
1
0
50
100
150
200
250
300
350
0.01
0.1
0.7
1.3
FORWARD VOLTAGE , VOLTS
Figure 4. Typical Forward Characteristics
1.1
0.3
0.5
0.9
1.5
0.1
1
10
100
TJ=25ºC
Pulse Width 300μs
1% Duty Cycle
SB
11
00
SB
16
0
SB
14
0
0.01
0
60
120
PERCENT OF RATED PEAK REVERSE VOLTAGE , (%)
Figure 5. Typical Reverse Characteristics
100
20
40
80
140
0.1
1
10
100
Tj = 75℃
Tj = 25℃
SB140~SB1100
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - SB1100

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB1100 DGNJDZ-SB1100 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB1100 PANJIT-SB1100 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
SB1100 DAESAN-SB1100 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
logo
SUNMATE electronic Co.,...
SB1100 SUNMATE-SB1100 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SB1100 ZSELEC-SB1100 Datasheet
128Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB1100

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SB140E SIRECT-SB140E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
SB140H SIRECT-SB140H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
SB140EH SIRECT-SB140EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
MBR140 SIRECT-MBR140 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
SB2100E SIRECT-SB2100E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2100H SIRECT-SB2100H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240H SIRECT-SB240H Datasheet
226Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB340L SIRECT-SB340L Datasheet
227Kb / 2P
   Power Schottky Rectifier - 3Amp 40~100Volt
SB540 SIRECT-SB540 Datasheet
227Kb / 3P
   Power Schottky Rectifier - 5Amp 40~100Volt
SB340LH SIRECT-SB340LH Datasheet
183Kb / 3P
   Power Schottky Rectifier - 3Amp 40~100Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com