Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6KE10A-LF Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part No. P6KE10A-LF
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRECT [Sirectifier Global Corp.]
Homepage  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

P6KE10A-LF Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  P6KE10A-LF Datasheet HTML 1Page - Sirectifier Global Corp. P6KE10A-LF Datasheet HTML 2Page - Sirectifier Global Corp. P6KE10A-LF Datasheet HTML 3Page - Sirectifier Global Corp. P6KE10A-LF Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http:// www.sirectsemi.com
RATINGS AND CHARACTERISTIC CURVES P6KE6.8(C)-LF THRU P6KE540(C)A-LF
td, PULSE WIDTH, sec.
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
0.1us
1.0us
10us
100us
1.0ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3 TA=25℃
FIG. 6 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
1.000
100
10
1
0.1
0.01
0.001
0
100
200
300
400 440
450
V(BR), BREAKDOWN VOLTAGE, VOLTS
MEASURED AT DEVICES
STAND-OFF
VOLTAGE,VWM
TA=25℃
FIG. 7 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
200
100
10
1
10
100
NUMBER OF CYCLES AT 60HZ
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, ℃
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
6.000
1.000
100
10
1
10
100
200
MEASURED at
STAND-OFF
VOLTAGE, VWM
MEASURED at
ZERO BIAS
TJ=25℃
f=1 MHZ
Vsig=50mVp-p
V(BR), BREAKDOWN OLTAGE, VOLTS
150
100
50
0
0
1.0
2.0
3.0
4.0
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
tr =10usec.
PEAK VALUE
IPPM
HALF VALUE
Ipp
2
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
td
FIG.3 - PULSE WAVEFORM
t, TIME, ms
L=0.375” (9.5mm)
Lead Lengths
1.6×1.6×.040”
(40×40×1mm)
Copper Heat Sinks
60Hz Resistive or
Inductive Load
FIG. 5 – STEADY STATE POWER DERATING CURVE
5.0
3.75
2.5
1.25
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE (℃)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn