Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RSM5853P Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part No. RSM5853P
Description  P-Channel 20Volt (D-S) MOSFET With Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRECT [Sirectifier Global Corp.]
Homepage  http://www.sirectsemi.com
Logo 

RSM5853P Datasheet(HTML) 3 Page - Sirectifier Global Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http:// www.sirectsemi.com
-3.0V
0
3
3
2
1
0
VGS = -4.5V
Figure 1. On-Region Characteristics
-VDS, DRAIN TO SOURCE VOLTAGE (V)
4
6
9
12
15
-1.5V
-2.0V
-2.5V
-3.5V
0.8
9
6
3
0
Figure 2. On-Resistance Variation with Drain
Current and Gate Voltage
-VDS, DRAIN TO SOURCE VOLTAGE (V)
12
-4.5V
-3.5V
15
1
1.2
1.4
1.6
1.8
2
-3.0V
-2.5V
VGS = -2.0V
0.7
100
50
0
-50
Figure 3. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (ºC)
150
0.8
0.9
1.0
1.1
1.2
1.3
1.4
ID = -2A
VGS = -4.5V
0.02
4
3
2
1
ID = -1A
Figure 4. On-Resistance Variation with Gate
to Source Voltage
-VGS, GATE TO SOURCE VOLTAGE (V)
5
TA = 25ºC
0.06
0.14
0.18
0.22
0.10
TA = 125ºC
0
2
2
1.5
1
0.5
VDS = -5V
Figure 5. Transfer Characteristics
-VGS, GATE TO SOURCE VOLTAGE (V)
2.5
4
6
8
10
TA = -55ºC
25ºC
125ºC
.0001
.001
.01
.1
1
10
0.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 6. Body Diode Forward Voltage Variation with
Source Current and Temperature
0
0.4
0.6
0.8
1.0
1.2
1.4
VGS = 0V
TA = 125ºC
-55ºC
25ºC
RSM5853P


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn