Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MUR860T Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part No. MUR860T
Description  Ultrafast Rectifier - 8Amp 600Volt
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRECT [Sirectifier Global Corp.]
Homepage  http://www.sirectsemi.com
Logo 

MUR860T Datasheet(HTML) 1 Page - Sirectifier Global Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
http:// www.sirectsemi.com
Ultrafast Rectifier - 8Amp 600Volt
Features
-Epoxy Meets UL 94V-0
-Higjt Voltage Capability
-Low Leakage Current
-High Temperature Glass Passivated Junction
-Pb-Free Packages is Available
Mechanical Characteristics
-Case: Epoxy, Molded
-Weight: 1.9 grames(Approximately)
-Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
-Lead Temperature for Soldering Purposes: 260 ºC Max for 10 Seconds
Maximum ratings
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
600
V
Average Rectified Forward Current
Total Device(Rated VR), TC = 150 ºC
IF(AV)
8
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20kHZ), TC = 150 ºC
IFM
16
A
Nonrepetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60HZ)
IFSM
100
A
Operating Junction Temperature and Storage Temperature Range
TJ, Tstg
-65 to +175
ºC
Electrical characteristics
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
IF = 8.0A, TC = 150 ºC
IF = 8.0A, TC = 25 ºC
VF
1.2
1.5
V
Maximum Instantaneous Reverse Current (Note 1)
Rated DC Voltage, TJ = 150 ºC
Rated DC Voltage, TJ = 25 ºC
IR
500
10
μA
Maximum Reverse Recovery Time
IF = 1.0A, di/dt = 50A/μs
trr
25
ns
Maximum Thermal Resistance, Junction-to-Case
RθJC
2.0
ºC/W
Note: 1.Pulse Test : Pulse Width = 300μs, Duty Cycle 2.0%
August 2007 / Rev.5
E
L
E
C
T
R
O
N
I
C
MUR860T


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn