Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML0040TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML0040TRPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML0040TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML0040TRPBF Datasheet HTML 1Page - International Rectifier IRLML0040TRPBF Datasheet HTML 2Page - International Rectifier IRLML0040TRPBF Datasheet HTML 3Page - International Rectifier IRLML0040TRPBF Datasheet HTML 4Page - International Rectifier IRLML0040TRPBF Datasheet HTML 5Page - International Rectifier IRLML0040TRPBF Datasheet HTML 6Page - International Rectifier IRLML0040TRPBF Datasheet HTML 7Page - International Rectifier IRLML0040TRPBF Datasheet HTML 8Page - International Rectifier IRLML0040TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
05/26/10
IRLML0040TRPbF
HEXFET® Power MOSFET
PD - 96309
www.irf.com
1
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 10
Micro3TM (SOT-23)
IRLML0040TRPbF
'
6
*



Features and Benefits
Application(s)
• Load/ System Switch
• DC Motor Drive
Features
Benefits
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
100
RθJA
Junction-to-Ambient (t<10s)
f
–––
99
°C/W
Max.
3.6
2.9
-55 to + 150
± 16
0.01
40
A
1.3
0.8
15
W
VDSS
40
V
VGS Max
± 16
V
RDS(on) max
(@VGS = 10V)
56
m
RDS(on) max
(@VGS = 4.5V)
78
m
Low RDS(on) ( ≤ 56mΩ)
Lower switching losses
Industry-standard pinout
Multi-vendor compatibility
Compatible with existing Surface Mount Techniques
results in Easier manufacturing
RoHS compliant containing no lead, no bromide and no halogen
Environmentally friendly
MSL1, Consumer qualification
Increased reliability


Similar Part No. - IRLML0040TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0040TRPBF IRF-IRLML0040TRPBF Datasheet
197Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
logo
ZP Semiconductor
IRLML0040TRPBF ZPSEMI-IRLML0040TRPBF Datasheet
262Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML0040TRPBF VBSEMI-IRLML0040TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRLML0040TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com