Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB08 Datasheet(PDF) 4 Page - Sirectifier Global Corp.

Part # BTB08
Description  Discrete Triacs(Non-Isolated/Isolated)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

BTB08 Datasheet(HTML) 4 Page - Sirectifier Global Corp.

  BTB08 Datasheet HTML 1Page - Sirectifier Global Corp. BTB08 Datasheet HTML 2Page - Sirectifier Global Corp. BTB08 Datasheet HTML 3Page - Sirectifier Global Corp. BTB08 Datasheet HTML 4Page - Sirectifier Global Corp. BTB08 Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BTB/BTA08
Discrete Triacs(Non-Isolated/Isolated)
F ig.
6
: Non-repetitive s urge peak on-s tate
current for a
s inus oidal puls e with width
tp < 10ms, and corres ponding value of I²t.
F ig. 7: R elative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values ).
F ig.
8
-2: R elative variation of critical rate of
decreas e of main current vers us (dV /dt)c (typical
values ). S tandard Types
F ig.
9
: R elative variation of critical rate of
decreas e
of main current vers us
junction
temperature.
F ig.
1
0: DPAK and D2PAK T hermal resis tance
junction to ambient vers us copper s urface under
tab (printed circuit board F R 4, copper thicknes s :
35
∝m).
0.01
0.10
1.00
10.00
10
100
1000
tp (ms )
IT S M (A ),I²t (A ²s )
T j initial=25°C
IT S M
I²t
dI/dt limitation:
50A /µs
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IG T,IH,IL [T j] / IG T
,IH,IL [T j=25°C ]
IG T
IH & IL
T j(°C )
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dI/dt)c [(dV /dt)c] / S pecified (dI/dt)c
C
B
(dV /dt)c (V /µs )
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T j] / (dI/dt)c [T j s pecified]
T j(°C )
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
90
100
R th(j-a) (°C /W)
DPAK
D²PAK
S (cm²)


Similar Part No. - BTB08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08 STMICROELECTRONICS-BTB08 Datasheet
129Kb / 11P
   8A TRIACS
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTB08 STMICROELECTRONICS-BTB08 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
JIEJIE MICROELECTRONICS...
BTB08 JIEJIE-BTB08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTB08 UTC-BTB08 Datasheet
181Kb / 3P
   8A TRIACS
More results

Similar Description - BTB08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB26 SIRECTIFIER-BTB26 Datasheet
266Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB35 SIRECTIFIER-BTB35 Datasheet
118Kb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com