Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC658ULTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC658ULTRT
Description  Backlight Driver for 4 LEDs with SemPulseTM Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC658ULTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC658ULTRT Datasheet HTML 1Page - Semtech Corporation SC658ULTRT Datasheet HTML 2Page - Semtech Corporation SC658ULTRT Datasheet HTML 3Page - Semtech Corporation SC658ULTRT Datasheet HTML 4Page - Semtech Corporation SC658ULTRT Datasheet HTML 5Page - Semtech Corporation SC658ULTRT Datasheet HTML 6Page - Semtech Corporation SC658ULTRT Datasheet HTML 7Page - Semtech Corporation SC658ULTRT Datasheet HTML 8Page - Semtech Corporation SC658ULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2009 Semtech Corporation
POWER MANAGEMENT

US Patents: 6,504,422; 6,794,926
Typical Application Circuit
SC658
Backlight Driver for 4 LEDs
with SemPulseTM Interface
SC658
IN
SPIF
GND
OUT
BL1
CIN
2.2µF
C1+
From
Microprocessor
VBAT = 2.9 to 5.5V
COUT
2.2µF
C2
2.2µF
C1
2.2µF
BL2
BL3
BL4
C2+
C1-
C2-
Features
Input supply voltage range — 2.9V to 5.5V
Very high efficiency charge pump driver system with
three modes — x, .5x and 2x
Four programmable current sinks — 0mA to 25mA
Up to three LED grouping options
Fade-in/fade-out feature for main LED bank
Charge pump frequency — 250kHz
SemPulse single wire interface
Backlight current accuracy — ±.5% typical
Backlight current matching — ±0.5% typical
LED float detection
Automatic sleep mode (LEDs off) I
Q = 60µA (typ.)
Shutdown current — 0.µA (typical)
Ultra-thin package — 2 x 2 x 0.6 (mm)
Fully WEEE and RoHS compliant
Applications
Cellular phones, smart phones, and PDAs
LCD modules
Portable media players
Digital cameras
Personal navigation devices
Display/keypad backlighting and LED indicators
Description
The SC658 is a high efficiency charge pump LED driver
using Semtech’s proprietary charge pump technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The charge pump provides backlight current utilizing four
matched current sinks. The load and supply conditions
determine whether the charge pump operates in x, .5x,
or 2x mode. An optional fading feature that gradually
adjusts the backlight current is provided to simplify
control software.
The SC658 uses the proprietary SemPulseTM single wire
interface to control all functions of the device, including
backlight currents. The single wire interface minimizes
microcontroller and interface pin counts. The four LEDs
can be grouped in up to three separate banks that can be
independently controlled.
The SC658 enters sleep mode when all the LED drivers are
disabled. In this mode, the quiescent current is reduced
while the device continues to monitor the SemPulse
interface.
With a 2 x 2 (mm) package and four small capacitors, the
SC658 provides a complete LED driver solution with a
minimal PCB footprint.
April 3, 2009


Similar Part No. - SC658ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Semtech Corporation
SC652EVB SEMTECH-SC652EVB Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC652ULTRT SEMTECH-SC652ULTRT Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
More results

Similar Description - SC658ULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
   Backlight Driver for 5 LEDs with SemPulseTM Interface
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
   Backlight Driver for 6 LEDs with SemPulse짰 Interface
SC654 SEMTECH-SC654 Datasheet
270Kb / 22P
   Light Management Unit for 6 LEDs with SemPulseTM Interface
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
   Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC614 SEMTECH-SC614 Datasheet
382Kb / 25P
   Low Noise Backlight and Flash Driver With Serial Interface
logo
SiGe Semiconductor, Inc...
AATIAN51 SIGE-AATIAN51 Datasheet
180Kb / 5P
   4-Channel Backlight Driver with Dual LDOs
logo
Maxim Integrated Produc...
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
   6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
January 2017 Rev 2
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com