Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC658 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC658
Description  Backlight Driver for 4 LEDs with SemPulseTM Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC658 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC658 Datasheet HTML 3Page - Semtech Corporation SC658 Datasheet HTML 4Page - Semtech Corporation SC658 Datasheet HTML 5Page - Semtech Corporation SC658 Datasheet HTML 6Page - Semtech Corporation SC658 Datasheet HTML 7Page - Semtech Corporation SC658 Datasheet HTML 8Page - Semtech Corporation SC658 Datasheet HTML 9Page - Semtech Corporation SC658 Datasheet HTML 10Page - Semtech Corporation SC658 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Typical Characteristics (continued)
SC658
Backlight Accuracy (4 LEDs) — 12mA Each
-8
-6
-4
-2
0
2
4
6
8
2.7
3
3.3
3.6
3.9
4.2
ACC Max %
ACC Min %
VIN (V)
Ripple — 2x Mode
20µs�div
s�div
�div
V
IN (00mV/div)
V
OUT (00mV/div)
I
BL (0mA/div)
C
IN = COUT = 4.7µF, VIN = 2.9V, 4 LEDs — 5mA each
Ripple — 1x Mode
20µs�div
s�div
�div
V
IN (00mV/div)
V
OUT (00mV/div)
I
BL (0mA/div)
C
IN = COUT = 4.7µF, 4 LEDs, — 5mA each
Ripple — 1.5x Mode
20µs�div
s�div
�div
V
IN (00mV/div)
V
OUT (00mV/div)
I
BL (0mA/div)
Output Short Circuit Current Limit
1ms�div
s�div
�div
V
OUT (V/div)
I
OUT (50mA/div)
0
0
C
IN = COUT = 4.7µF, VIN = 2.9V, 4 LEDs, — 5mA each
Output Open Circuit Protection
20µs�div
s�div
�div
V
BL (500mV/div)
V
OUT (V/div)
I
BL (0mA/div)
0


Similar Part No. - SC658

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Semtech Corporation
SC652EVB SEMTECH-SC652EVB Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC652ULTRT SEMTECH-SC652ULTRT Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
More results

Similar Description - SC658

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
   Backlight Driver for 5 LEDs with SemPulseTM Interface
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
   Backlight Driver for 6 LEDs with SemPulse짰 Interface
SC654 SEMTECH-SC654 Datasheet
270Kb / 22P
   Light Management Unit for 6 LEDs with SemPulseTM Interface
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
   Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC614 SEMTECH-SC614 Datasheet
382Kb / 25P
   Low Noise Backlight and Flash Driver With Serial Interface
logo
SiGe Semiconductor, Inc...
AATIAN51 SIGE-AATIAN51 Datasheet
180Kb / 5P
   4-Channel Backlight Driver with Dual LDOs
logo
Maxim Integrated Produc...
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
   6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
January 2017 Rev 2
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com