Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC658 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC658
Description  Backlight Driver for 4 LEDs with SemPulseTM Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC658 Datasheet(HTML) 4 Page - Semtech Corporation

  SC658 Datasheet HTML 1Page - Semtech Corporation SC658 Datasheet HTML 2Page - Semtech Corporation SC658 Datasheet HTML 3Page - Semtech Corporation SC658 Datasheet HTML 4Page - Semtech Corporation SC658 Datasheet HTML 5Page - Semtech Corporation SC658 Datasheet HTML 6Page - Semtech Corporation SC658 Datasheet HTML 7Page - Semtech Corporation SC658 Datasheet HTML 8Page - Semtech Corporation SC658 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Electrical Characteristics (continued)
SC658
Parameter
Symbol
Conditions
Min
Typ
Max
Units
x Mode to .5x Mode
Falling Transition Input Voltage
V
TRANSx
I
OUT = 40mA, IBLn = 0mA, VOUT = 3.2V
3.24
V
.5x Mode to x Mode Hysteresis
V
HYSTx
I
OUT = 40mA, IBLn = 0mA, VOUT = 3.2V
250
mV
.5x Mode to 2x Mode
Falling Transition Input Voltage
V
TRANS.5x
I
OUT = 40mA, IBLn = 0mA, VOUT = 4.2V
(4)
3.07
V
Current Sink Off-State
Leakage Current
I
BLn(off)
V
IN = VBLn = 4.2V
0.

µA
Charge Pump Frequency
f
PUMP
V
IN = 3.2V
250
kHz
Output Short Circuit
Current Limit
I
OUT(SC)
OUT pin shorted to GND
60
mA
V
OUT > 2.5V
300
Under Voltage Lockout
V
UVLO-OFF
Increasing V
IN, lock-out released
2.7
V
V
UVLO-HYS
Hysteresis
800
mV
Over-Voltage Protection
V
OVP
OUT pin open circuit, V
OUT = VOVP,
rising threshold
5.7
6.0
V
Over-Temperature
T
OT
Rising temperature
60
°C
OT Hysteresis
T
OT-HYS
20
°C


Similar Part No. - SC658

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Semtech Corporation
SC652EVB SEMTECH-SC652EVB Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC652ULTRT SEMTECH-SC652ULTRT Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
More results

Similar Description - SC658

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
   Backlight Driver for 5 LEDs with SemPulseTM Interface
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
   Backlight Driver for 6 LEDs with SemPulse짰 Interface
SC654 SEMTECH-SC654 Datasheet
270Kb / 22P
   Light Management Unit for 6 LEDs with SemPulseTM Interface
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
   Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
SC614 SEMTECH-SC614 Datasheet
382Kb / 25P
   Low Noise Backlight and Flash Driver With Serial Interface
logo
SiGe Semiconductor, Inc...
AATIAN51 SIGE-AATIAN51 Datasheet
180Kb / 5P
   4-Channel Backlight Driver with Dual LDOs
logo
Maxim Integrated Produc...
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
   Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
   6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
January 2017 Rev 2
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
   6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com