Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC631EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC631EVB
Description  Fixed 4.4V Output Charge Pump Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC631EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC631EVB Datasheet HTML 3Page - Semtech Corporation SC631EVB Datasheet HTML 4Page - Semtech Corporation SC631EVB Datasheet HTML 5Page - Semtech Corporation SC631EVB Datasheet HTML 6Page - Semtech Corporation SC631EVB Datasheet HTML 7Page - Semtech Corporation SC631EVB Datasheet HTML 8Page - Semtech Corporation SC631EVB Datasheet HTML 9Page - Semtech Corporation SC631EVB Datasheet HTML 10Page - Semtech Corporation SC631EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SC631
7
Ripple — 1x Mode
Time (10μs/div)
V
IN -PP
(20mV/div)
V
OUT -PP
(20mV/div)
I
OUT
(200mA/div)
V
IN
= 5.2V, V
OUT
= 4.4V, I
OUT
= 400mA
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
Ripple — 1.5x Mode
Ripple — 2x Mode
V
IN -PP
(100mV/div)
V
OUT -PP
(100mV/div)
I
OUT
(200mA/div)
V
IN -PP
(50mV/div)
V
OUT -PP
(50mV/div)
I
OUT
(200mA/div)
Time (10μs/div)
Time (10μs/div)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
0mA
400mA
V
IN
= 4.2V, V
OUT
= 4.4V, I
OUT
= 400mA
V
IN
= 3.2V, V
OUT
= 4.4V, I
OUT
= 400mA
0mA
400mA
0mA
400mA
Startup (No Load)
V
IN
= 3.6V, I
OUT
= 0mA
V
EN
(2V/div)
0V—
V
OUT
(2V/div)
0V—
0V—
I
OUT
(200mA/div)
Startup (400mA)
V
IN
= 3.6V, I
OUT
= 400mA
V
EN
(2V/div)
0V —
V
OUT
(2V/div)
0V—
0V—
I
OUT
(200mA/div)
Typical Characteristics (continued)
Time (200μs/div)
Time (200μs/div)
Quiescent Current
V
OUT
= 5V, I
OUT
= 1mA
0.5
1.0
1.5
2.0
2.5
2.90
3.16
3.42
3.68
3.94
4.20
-45C
25C
85C
V
IN (V)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)
C
IN
=C
OUT
=22μF (0805)
C
1
=C
2
=2.2μF (0603)


Similar Part No. - SC631EVB

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
   Low off-state leakage
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
   1.0A, 60 Vdc Optically Isolated
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
   Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
   Pedometer
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
More results

Similar Description - SC631EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
   Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
   Triple-Output Charge Pump Regulator
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com