Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA256A1-CU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATXMEGA256A1-CU
Description  8/16-bit XMEGA A1 Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A1-CU Datasheet(HTML) 3 Page - ATMEL Corporation

  ATXMEGA256A1-CU Datasheet HTML 1Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 2Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 3Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 4Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 5Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 6Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 7Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 8Page - ATMEL Corporation ATXMEGA256A1-CU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
3
8067L–AVR–08/10
XMEGA A1
2.
Pinout/Block Diagram
Figure 2-1.
Block diagram and pinout
Notes:
1. For full details on pinout and pin functions refer to “Pinout and Pin Functions” on page 49.
2. VCC/GND on pin 83/84 are swapped compared to other VCC/GND to allow easier routing of GND to 32 kHz crystal.
INDEX CORNER
PA6
PA7
GND
AVCC
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
GND
VCC
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
GND
VCC
PD0
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
PK0
VCC
GND
PJ7
PJ6
PJ5
PJ4
PJ3
PJ2
PJ1
PJ0
VCC
GND
PH7
PH6
PH5
PH4
PH3
PH2
PH1
PH0
VCC
GND
PF7
PF6
FLASH
RAM
E 2PROM
DMA
Interrupt Controlle r
OCD
ADC A
ADC B
DAC B
DAC A
AC A0
AC A1
AC B0
AC B1
Event System ctrl
Port K
Port J
Port H
Port Q
Port R
Power
Contro l
Reset
Contro l
Watchdog
OSC/CLK
Contro l
BOD
POR
RTC
EVENT ROUTING NETWORK
DATA BU S
DATA BU S
VREF
TEMP
Port C
CPU
Port F
Port E
Port D


Similar Part No. - ATXMEGA256A1-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A1-CU ATMEL-ATXMEGA256A1-CU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A1-CU ATMEL-ATXMEGA256A1-CU Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
More results

Similar Description - ATXMEGA256A1-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_09 Datasheet
3Mb / 99P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com