Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP5724 Datasheet(PDF) 5 Page - Diodes Incorporated

Part No. AP5724
Description  WHITE LED STEP-UP CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

AP5724 Datasheet(HTML) 5 Page - Diodes Incorporated

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP5724
WHITE LED STEP-UP CONVERTER
AP5724
Document number: DS31843 Rev. 3 - 2
5 of 17
www.diodes.com
July 2010
© Diodes Incorporated
Typical Performance Characteristics (6 LEDs ; VIN = 3.6V ; IOUT = 25mA)
VIN vs. Shutdown Current
0
0.2
0.4
0.6
0.8
1
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
VIN vs. Quiescent Current
0
100
200
300
400
500
600
700
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
VIN vs. Frequency
1
1.05
1.1
1.15
1.2
1.25
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
VIN vs. Max Duty
80
85
90
95
100
2.53
3.54
4.55
5.5
VIN(V)
VIN vs. Feedback Voltage
0.06
0.07
0.08
0.09
0.1
0.11
0.12
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
IOUT vs. Feedback Voltage
0.06
0.07
0.08
0.09
0.1
0.11
0.12
0
10
20
304050
IOUT (mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn