Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL31496EIUZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL31496EIUZ
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31496EIUZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL31496EIUZ Datasheet HTML 3Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 4Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 5Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 6Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 7Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 8Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 9Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 10Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
7
FN7637.0
June 17, 2010
Change in Magnitude of
Driver Common-Mode
VOUT for Complementary
Output States
ΔVOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
-
0.2
V
Driver Short-Circuit
Current
IOSD
DE = VCC, -25V ≤ VO ≤ 25V (Note 12) Full
-250
-
250
mA
IOSD1
At First Fold-back, 22V ≤ VO ≤ -22V
Full
-83
83
mA
IOSD2
At Second Fold-back,
35V ≤ VO ≤ -35V
Full
-13
13
mA
Logic Input High Voltage
VIH
DE, DI, RE
Full
2.5
--
V
Logic Input Low Voltage
VIL
DE, DI, RE
Full
-
-
0.8
V
Logic Input Current
IIN1
DI
Full
-1
-
1
μA
DE, RE
Full
-15
6
15
μA
Input/Output Current
(A/Y, B/Z)
IIN2
DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
110
250
μA
VIN = -7V
Full
-200
-75
-
μA
VIN = ±25V
Full
-800
±240
800
μA
VIN = ±60V
(Note 21)
Full
-6
±0.5
6
mA
Input Current (A, B)
(Full Duplex Versions
Only)
IIN3
VCC = 0V or 5.5V VIN = 12V
Full
-
90
125
μA
VIN = -7V
Full
-100
-70
-
μA
VIN = ±25V
Full
-500
±200
500
μA
VIN = ±60V
(Note 21)
Full
-3
±0.4
3
mA
Output Leakage Current
(Y, Z) (Full Duplex
Versions Only)
IOZD
RE = 0V, DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
20
200
μA
VIN = -7V
Full
-100
-5
-
μA
VIN = ±25V
Full
-500
±40
500
μA
VIN = ±60V
(Note 21)
Full
-3
±0.1
3
mA
Receiver Differential
Threshold Voltage
VTH
-25V ≤ VCM ≤ 25V
Full
-200
-100
-10
mV
Receiver Input Hysteresis
ΔVTH
-25V ≤ VCM ≤ 25V
+25
-
25
-
mV
Receiver Output High
Voltage
VOH
IO = -2mA, VID = -10mV
Full
VCC - 0.5
4.75
-
V
IO = -8mA, VID = -10mV
Full
2.8
4.2
-
V
Receiver Output Low
Voltage
VOL
IO = 6mA, VID = -200mV
Full
-
0.27
0.4
V
Receiver Output Low
Current
IOL
VO = 1V, VID = -200mV
Full
15
22
-
mA
Three-State (High
Impedance) Receiver
Output Current
IOZR
0V ≤ VO ≤ VCC
Full
-1
0.01
1
μA
Receiver Short-Circuit
Current
IOSR
0V ≤ VO ≤ VCC
Full
±12
-
±110
mA
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA = +25°C (Note 10). Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 18)
TYP
MAX
(Note 18) UNITS


Similar Part No. - ISL31496EIUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL31496EIUZ RENESAS-ISL31496EIUZ Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
More results

Similar Description - ISL31496EIUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com