Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97672 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97672
Description  6-Channel LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97672 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97672_10 Datasheet HTML 3Page - Intersil Corporation ISL97672_10 Datasheet HTML 4Page - Intersil Corporation ISL97672_10 Datasheet HTML 5Page - Intersil Corporation ISL97672_10 Datasheet HTML 6Page - Intersil Corporation ISL97672_10 Datasheet HTML 7Page - Intersil Corporation ISL97672_10 Datasheet HTML 8Page - Intersil Corporation ISL97672_10 Datasheet HTML 9Page - Intersil Corporation ISL97672_10 Datasheet HTML 10Page - Intersil Corporation ISL97672_10 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL97672
7
FN7632.0
June 24, 2010
FIGURE 5. EFFICIENCY vs VIN vs SWITCHING
FREQUENCY AT 20mA (100% LED DUTY
CYCLE)
FIGURE 6. EFFICIENCY vs VIN vs SWITCHING
FREQUENCY AT 30mA (100% LED DUTY
CYCLE)
FIGURE 7. EFFICIENCY vs VIN vs TEMPERATURE AT
20mA (100% LED DUTY CYCLE)
FIGURE 8. CHANNEL-TO-CHANNEL CURRENT
MATCHING
FIGURE 9. CURRENT LINEARITY vs LOW LEVEL PWM
DIMMING DUTY CYCLE vs VIN
FIGURE 10. VHEADROOM vs VIN AT 20mA
Typical Performance Curves (Continued)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
1.2MHz
580k
VIN
0
5
10
15
20
25
VIN
30
1.2MHz
0
20
40
60
80
100
580k
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
+25°C
-40°C
0°C
+85°C
VIN
0.40
0.10
0.20
0.30
-0.10
-0.20
0.00
012
345
CHANNEL
6
-0.30
-0.40
7
21 VIN
12 VIN
4.5 VIN
0
0.2
0.4
0.6
0.8
1.0
1.2
01
4
DC
23
5
6
4.5 VIN
12 VIN
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
25
30
-40°C
0°C
+25°C
VIN (V)


Similar Part No. - ISL97672_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
More results

Similar Description - ISL97672_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
logo
Intersil Corporation
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
   6-Channel LED Driver
May 9, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
   6-Channel LED Driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
   6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com