Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97672 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97672
Description  6-Channel LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97672 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97672_10 Datasheet HTML 1Page - Intersil Corporation ISL97672_10 Datasheet HTML 2Page - Intersil Corporation ISL97672_10 Datasheet HTML 3Page - Intersil Corporation ISL97672_10 Datasheet HTML 4Page - Intersil Corporation ISL97672_10 Datasheet HTML 5Page - Intersil Corporation ISL97672_10 Datasheet HTML 6Page - Intersil Corporation ISL97672_10 Datasheet HTML 7Page - Intersil Corporation ISL97672_10 Datasheet HTML 8Page - Intersil Corporation ISL97672_10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL97672
4
FN7632.0
June 24, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VIN, EN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
FAULT . . . . . . . . . . . . . . . . . . . . . VIN - 8.5V to VIN + 0.3V
VDC, COMP, RSET, PWM, OVP, /FLAG, FSW . . . -0.3V to 5.5V
CH0 - CH5, LX . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 45V
PGND, AGND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Above voltage ratings are all with respect to AGND pin
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . 1kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
20 Ld QFN Package (Notes 4, 5, 7) .
40
2.5
Thermal Characterization (Typical)
PSIJT (°C/W)
20 Ld QFN Package (Note 6) . . . . . . . . . . . .
1
Maximum Continuous Junction Temperature . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside assumed under ideal case
temperature.
6. PSIJT is the junction-to-top thermal resistance. If the package top temperature can be measured, with this rating then the die
junction temperature can be estimated more accurately than the θJC and θJC thermal resistance ratings.
7. Refer to JESD51-7 high effective thermal conductivity board layout for proper via and plane designs.
Electrical Specifications All specifications below are tested at TA = 25°C; VIN = 12V, EN = 5V, RSET = 20.1kΩ, unless
otherwise noted. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT
GENERAL
VIN (Note 9)
Backlight Supply Voltage
TC = <+60°C
TA = +25°C
4.5
26.5
V
IVIN_STBY
VIN Shutdown Current
10
µA
VOUT
Output Voltage
4.5V < VIN ≤ 26V,
FSW = 600kHz
45
V
8.55V < VIN ≤ 26V,
FSW = 1.2MHz
45
V
4.5V < VIN ≤ 8.55V,
FSW =1.2MHz
VIN/0.19
V
Vuvlo
Undervoltage Lock-out Threshold
2.6
3.3
V
Vuvlo_hys
Undervoltage Lock-out Hysteresis
275
mV
ENABLE AND PWM GENERATOR
VIL
Guaranteed Range for PWM Input Low
Voltage
0.8
V
VIH
Guaranteed Range for PWM Input High
Voltage
1.5
VDD
V
FPWM
PWM Input Frequency Range
200
30,000
Hz
tON
Minimum On Time
250
350
ns


Similar Part No. - ISL97672_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
More results

Similar Description - ISL97672_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
logo
Intersil Corporation
ISL97636AIRZ INTERSIL-ISL97636AIRZ Datasheet
651Kb / 18P
   6-Channel LED Driver
May 9, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
   6-Channel LED Driver
logo
Copal Electronics
AN30 COPAL-AN30 Datasheet
397Kb / 7P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
   6-Channel LED Driver
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com