Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54225IRTZEVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54225IRTZEVAL1Z
Description  High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54225IRTZEVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54225IRTZEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54225IRTZEVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN7627.0
July 2, 2010
FIGURE 4. CAPACITANCE TEST CIRCUIT
FIGURE 5. CROSSTALK TEST CIRCUIT
FIGURE 6A. MEASUREMENT POINTS
FIGURE 6B. TEST CIRCUIT
FIGURE 6. SKEW TEST
Test Circuits and Waveforms (Continued)
VDD
C
GND
HSDxx
Dx
SEL
IMPEDANCE
ANALYZER
0V OR
Repeat test for all switches.
OE
VDD
ANALYZER
VDD
C
HSD1x
SIGNAL
GENERATOR
RL
GND
SEL
Dx
50
Ω
NC
Dx
HSD2x
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
OE
VIN
DIN+
DIN-
OUT+
OUT-
50%
50%
90%
10%
10%
10%
10%
90%
90%
50%
90%
50%
tri
tfi
tro
tf0
tskew_i
tskew_o
OUT+
CL
COMD1
D2
GND
VDD
C
D1
COMD2
CL
OUT-
DIN+
DIN-
|tro - tri| Delay Due to Switch for Rising Input and Rising Output Signals.
|tfo - tfi| Delay Due to Switch for Falling Input and Falling Output Signals.
|tskew_0| Change in Skew through the Switch for Output Signals.
|tskew_i| Change in Skew through the Switch for Input Signals.
15.8
Ω
15.8
Ω
143
Ω
143
Ω
45
Ω
45
Ω
SEL
VIN
OE
ISL54225


Similar Part No. - ISL54225IRTZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54225IRTZEVAL1Z RENESAS-ISL54225IRTZEVAL1Z Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
More results

Similar Description - ISL54225IRTZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com