Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97671 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97671
Description  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97671 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97671_10 Datasheet HTML 1Page - Intersil Corporation ISL97671_10 Datasheet HTML 2Page - Intersil Corporation ISL97671_10 Datasheet HTML 3Page - Intersil Corporation ISL97671_10 Datasheet HTML 4Page - Intersil Corporation ISL97671_10 Datasheet HTML 5Page - Intersil Corporation ISL97671_10 Datasheet HTML 6Page - Intersil Corporation ISL97671_10 Datasheet HTML 7Page - Intersil Corporation ISL97671_10 Datasheet HTML 8Page - Intersil Corporation ISL97671_10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ISL97671
5
FN7631.0
June 24, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VIN, EN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
FAULT . . . . . . . . . . . . . . . . . . . . . . . VIN-8.5V to VIN+0.3V
VDC, COMP, RSET. . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
SMBCLK/SCL*, SMBDAT/SDA*, FPWM, PWM . . -0.3V to 5.5V
EN, OVP . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
CH0 - CH5, LX . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 45V
PGND, AGND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Above voltage ratings are all with respect to AGND pin
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . 3kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . 1kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
20 Ld QFN Package (Notes 4, 5, 7).
40
2.5
Thermal Characterization (Typical)
PSIJT (°C/W)
20 Ld QFN Package (Note 6) . . . . . . . . . . . .
1
Maximum Continuous Junction Temperature . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. PSIJT is the PSI junction-to-top thermal characterization parameter. If the package top temperature can be measured with this
rating then the die junction temperature can be estimated more accurately than the θJC and θJC thermal resistance ratings.
7. Refer to JESD51-7 high effective thermal conductivity board layout for proper via and plane designs.
Electrical Specifications All specifications below are tested at TA = 25°C; VIN = 12V, EN = 5V, RSET =20.1kΩ, unless
otherwise noted. Boldface limits apply over the operating temperature range, -40°C
to +85°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 8) TYP
MAX
(Note 8) UNIT
GENERAL
VIN (Note 9) Backlight Supply Voltage
≤13 LEDs per channel
(3.2V/20mA type)
4.5
26.5
V
IVIN_STBY
VIN Shutdown Current
10
µA
VOUT
Output Voltage
4.5V < VIN ≤ 26V,
FSW = 600kHz
45
V
8.55V < VIN ≤ 26V,
FSW = 1.2MHz
45
V
4.5V < VIN ≤ 8.55V,
FSW =1.2MHz
VIN/0.19
V
VUVLO
Undervoltage Lockout Threshold
2.6
3.3
V
VUVLO_HYS
Undervoltage Lockout Hysteresis
275
mV
REGULATOR
VDC
LDO Output Voltage
VIN ≥ 6V
4.55
4.8
5
V
IVDC_STBY
Standby Current
EN = 0V
5
µA
IVDC
Active Current
EN = 5V
5
mA
VLDO
VDC LDO Droop Voltage
VIN > 5.5V, 20mA
20
200
mV
ENLow
Guaranteed Range for EN Input Low Voltage
0.5
V
ENHi
Guaranteed Range for EN Input High Voltage
1.8
V


Similar Part No. - ISL97671_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Intersil Corporation
ISL97671A INTERSIL-ISL97671A Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
More results

Similar Description - ISL97671_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Intersil Corporation
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com