Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL31483EIBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL31483EIBZ
Description  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31483EIBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL31483EIBZ Datasheet HTML 5Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 6Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 7Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 8Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 9Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 10Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 11Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 12Page - Intersil Corporation ISL31483EIBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL31480E, ISL31483E, ISL31485E, ISL31486E
9
FN7638.0
June 25, 2010
Change in Magnitude of
Driver Common-Mode
VOUT for Complementary
Output States
DVOC
RL = 54Ω or 100Ω (Figure 1A)
Full
-
-
0.2
V
Driver Short-Circuit
Current
IOSD
DE = VCC, -25V ≤ VO ≤ 25V (Note 10)
Full
-250
-
250
mA
IOSD1
At First Fold-back, 22V ≤ VO ≤ -22V
Full
-83
83
mA
IOSD2
At Second Fold-back, 35V ≤ VO ≤ -35V
Full
-13
13
mA
Logic Input High Voltage
VIH1
DE, DI, RE, INV,
RINV, DINV
VL = VCC If
Applicable
Full
2.5
--
V
VIH2
DE, DI, RE, INV,
(Only ISL31480E,
ISL31486E)
2.7V ≤ VL ≤ 3V
Full
2
--
V
VIH3
2.3V ≤ VL < 2.7V
Full
1.7
--
V
VIH4
1.6V ≤ VL < 2.3V
Full
0.7*VL
--
V
Logic Input Low Voltage
VIL1
DE, DI, RE, INV,
RINV, DINV
VL = VCC If
Applicable
Full
-
-
0.8
V
VIL2
DE, DI, RE, INV,
(Only ISL31480E,
ISL31486E)
2.7V ≤ VL ≤ 3V
Full
-
-
0.8
V
VIL3
2.3V ≤ VL < 2.7V
Full
-
-
0.65
V
VIL4
1.6V ≤ VL < 2.3V
Full
-
-
0.3*VL
V
Logic Input Current
IIN1
DI
Full
-1
-
1
µA
DE, RE, INV, RINV, DINV
Full
-15
6
15
µA
Input/Output Current
(A/Y, B/Z)
IIN2
DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
110
250
µA
VIN = -7V
Full
-200
-75
-
µA
VIN = ±25V
Full
-800
±240
800
µA
VIN = ±60V
(Note 20)
Full
-6
±0.7
6
mA
Input Current (A, B)
(Full Duplex Versions
Only)
IIN3
VCC = 0V or 5.5V VIN = 12V
Full
-
90
125
µA
VIN = -7V
Full
-100
-70
-
µA
VIN = ±25V
Full
-500
±200
500
µA
VIN = ±60V
(Note 20)
Full
-3
±0.5
3
mA
Output Leakage Current
(Y, Z) (Full Duplex
Versions Only)
IOZD
RE = 0V, DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
20
200
µA
VIN = -7V
Full
-100
-5
-
µA
VIN = ±25V
Full
-500
±40
500
µA
VIN = ±60V
(Note 20)
Full
-3
±0.15
3
mA
Receiver Differential
Threshold Voltage
VTH
A-B for ISL31480E or if INV or
RINV = 0; B-A if INV or RINV = 1,
-25V ≤ VCM ≤ 25V
Full
-200
-100
-10
mV
Receiver Input Hysteresis
DVTH
-25V ≤ VCM ≤ 25V
25
-
25
-
mV
Receiver Output High
Voltage
VOH1
VID = -10mV,
VL = VCC If
Applicable
IO = -2mA
Full
VCC - 0.5
4.75
-
V
VOH2
IO = -8mA
Full
2.8
4.2
-
V
VOH3
VID = -10mV,
Only ISL31480E,
ISL31486E
VL ≥ 2.7V,
IO = -1.5mA
Full
VL-0.3
-V
VOH4
VL ≥ 2.3V,
IO = -1mA
Full
VL-0.3
-V
VOH5
VL ≥ 1.6V,
IO = -500mA
Full
VL-0.25
-V
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V, VL = VCC; Unless Otherwise Specified. Typicals are at
VCC = 5V, TA = +25°C (Note 8). Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 16)
TYP
MAX
(Note 16) UNITS


Similar Part No. - ISL31483EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31483EIBZ INTERSIL-ISL31483EIBZ Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483EIBZ RENESAS-ISL31483EIBZ Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

Similar Description - ISL31483EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com