Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9220BIRTZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9220BIRTZ-T
Description  Switching Charger for 1-Cell Li-ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9220BIRTZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9220BIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 14Page - Intersil Corporation ISL9220BIRTZ-T Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ISL9220B
11
FN7652.1
July 2, 2010
and also be connected to other layers through thermal
vias. More thermal vias and more copper attached to the
exposed pad usually result in better thermal
performance. The exposed pad is big enough for 5 vias,
as shown in Figure 4.
Charging Flow Chart
The charging flow chart is shown in Figure 5. The
charging starts with trickle charge current, the ISL9220B
charges the battery in 50mA. If VBAT reaches VPCHG
before the trickle charge timeout interval, the operation
will move to the CC mode. When the output voltage
reaches the 4.2V final voltage, the operation will move to
CV mode, where the battery is charged at a constant
voltage. If the end-of-charge current is reached before
the timeout interval is elapsed, the operation moves to
charge complete state. The charging is terminated. After
the termination, if the output voltage drops below the
recharge threshold, a recharge starts and the timer is
reset to zero.
In the event that the timeout condition is reached before
the EOC condition is reached, the fault mode is entered.
The fault mode can also be triggered by a VBAT OVP
event. To exit the fault mode, the input power has to be
removed and re-applied, or the EN pin is toggled to HI
and back to LO, then a new cycle starts.
FIGURE 4.
FIGURE 4.


Similar Part No. - ISL9220BIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220 INTERSIL-ISL9220 Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220 Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220A INTERSIL-ISL9220A Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results

Similar Description - ISL9220BIRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com