Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9220A Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9220A
Description  Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9220A Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9220A Datasheet HTML 1Page - Intersil Corporation ISL9220A Datasheet HTML 2Page - Intersil Corporation ISL9220A Datasheet HTML 3Page - Intersil Corporation ISL9220A Datasheet HTML 4Page - Intersil Corporation ISL9220A Datasheet HTML 5Page - Intersil Corporation ISL9220A Datasheet HTML 6Page - Intersil Corporation ISL9220A Datasheet HTML 7Page - Intersil Corporation ISL9220A Datasheet HTML 8Page - Intersil Corporation ISL9220A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL9220, ISL9220A
3
FN6936.1
July 2, 2010
Absolute Maximum Ratings
Thermal Information
VIN, CISP, CISN. . . . . . . . . . . . . . . . . . . . . . . -0.3V to 18V
SW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.7V to 18V
VHI. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 24V
VBAT, ISNS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 10V
ISET1, ISET2, RTH, VBIAS, STAT1, STAT2, EN. -0.3V to 5.5V
TIME. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.75V
Input Current (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . .2.0A
Output Current (SW) . . . . . . . . . . . . . . . . . . . . . . . . .2.2A
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . 2500V
Machine Model (Tested per EIA/JESD22-A115-A) . . . 175V
Charged Device Model (Tested per JES22-C101D) . . 1500V
Latch-Up
(Tested per JESD-78B; Class 2 (+85°C), Level A) . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
4x4 QFN Package (Notes 4, 5) . .
40
4.3
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . -40°C to +85°C
Supply Voltage, VIN
ISL9220 . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 14V
ISL9220A . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V to 14V
Programmable Charge Current . . . . . . . . . . . . 200mA to 2A
Programmable Trickle Current . . . . . . . . . . 20mA to 200mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. θJC, “case temperature” location is at the center of the exposed metal pad on the package underside.
Electrical Specifications Typical specifications are measured at the following conditions: TA = +25°C; For ISL9220,
VIN = 5V; For ISL9220A, VIN = 12V.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising VIN Threshold
VPOR_R
3.4
3.6
3.8
V
Falling VIN Threshold
VPOR_F
2.2
2.4
2.6
V
VIN - VBAT OFFSET VOLTAGE
Rising Offset Threshold
VOS_R
ISL9220
-
95
150
mV
ISL9220A
-
170
300
mV
Falling Offset Threshold
VOS_F
ISL9220
10
65
-
mV
ISL9220A
20
130
-
mV
SUPPLY CURRENT
VIN Pin Supply Current
ICC(VIN)
PGOOD = TRUE, EN = L (Note 6)
10
15
mA
PGOOD = TRUE, EN= H (Note 6)
VIN = 5V to 12V
-
-
0.5
mA
Battery Discharge Current
(Total of currents flowing into VBAT,
ISNS, SW pins)
IDIS
VIN < VPOR OR EN = H
2V < VBAT < 11V
-2
5
μA
OVERVOLTAGE PROTECTION
Input OVP Rising Threshold
VIN_OVPR
14.5
15.0
15.5
V
Input OVP Falling Threshold
VIN_OVPF
14.0
14.5
15.0
V
OUTPUT CURRENT
Fast Charge Current Accuracy
ICHG
RSNS = 0.039Ω
RISET1 = 49.9kΩ (Nominal
IOUT = 1000mA)
-10
-
10
%
Charge Termination Current Accuracy
IMIN
RSNS = 0.039Ω
RISET2 = 300kΩ (Nominal
IMIN = 100mA)
-35
-
35
%


Similar Part No. - ISL9220A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220A INTERSIL-ISL9220A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220A RENESAS-ISL9220A Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220A INTERSIL-ISL9220A Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220AIRTZ-T INTERSIL-ISL9220AIRTZ-T Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220AIRTZ-T INTERSIL-ISL9220AIRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
More results

Similar Description - ISL9220A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com