Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9220B Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9220B
Description  Switching Charger for 1-Cell Li-ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9220B Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9220B_10 Datasheet HTML 1Page - Intersil Corporation ISL9220B_10 Datasheet HTML 2Page - Intersil Corporation ISL9220B_10 Datasheet HTML 3Page - Intersil Corporation ISL9220B_10 Datasheet HTML 4Page - Intersil Corporation ISL9220B_10 Datasheet HTML 5Page - Intersil Corporation ISL9220B_10 Datasheet HTML 6Page - Intersil Corporation ISL9220B_10 Datasheet HTML 7Page - Intersil Corporation ISL9220B_10 Datasheet HTML 8Page - Intersil Corporation ISL9220B_10 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ISL9220B
4
FN7652.1
July 2, 2010
Pre-Charge Current Range (Linear
Mode)
IPCHG
VBAT < VPCHG
25
50
90
mA
Pre-Charge Threshold Voltage
VPCHG
2.42
2.5
2.56
V
RECHARGE THRESHOLD
Recharge Voltage Threshold
VRECHG
3.85
4.0
4.1
V
TEMPERATURE MONITORING
High Battery Temperature Threshold
VTMIN
Specified as % of VBIAS
30
35
40
%
Low Battery Temperature Threshold
VTMAX
Specified as % of VBIAS
70
75
80
%
Battery Removal Threshold
VRMV
Specified as % of VBIAS
90
95
-
%
Thermistor Disable Threshold
VT_DIS
-
250
-
mV
Temperature Threshold Hysteresis
VT,HYS
-
180
-
mV
Temperature Detection Deglitch Time
-
12
-
ms
THERMAL PROTECTION
Thermal Shutdown Threshold
TFD
-
140
-
°C
Thermal Hysteresis
THYS
-30-
°C
VBIAS OUTPUT
Output Voltage
VBIAS
5.3 < VIN < 15V, IVBIAS = 5mA
4.70
5.0
5.25
V
Output Current
IBIAS
5.3 < VIN < 15V
-
-
5
mA
OSCILLATOR
Oscillation Period
TOSC
CTIME = 15nF
-
3.0
-
ms
SWITCHING CHARGER AC CHARACTERISTICS
Switching Frequency
FOSC
1.02
1.2
1.38
MHz
Maximum Duty Cycle
DMAX
-96-
%
Minimum Duty Cycle
-0-
%
Cycle-By-Cycle Current Limit
ILIM
-
3.0
-
A
SWITCHING CHARGER DC CHARACTERISTICS
High-Side MOSFET ON-resistance
rDS(ON), HS1
-
112
-
Combined High-Side ON-resistance
(Note 8)
rDS(ON), HS2 Measured between VIN and SW pins
-
224
450
Low Side MOSFET ON-resistance
rDS(ON), L
-
72
180
High-Side Path Reverse Leakage
Current
IREV
VIN = 0V, VSW = 15V
-
1.0
5.0
μA
Charger Output Voltage
VCHG
IOUT = 100mA, TA = +25°C
4.179
4.2
4.221
V
IOUT = 100mA
4.158
4.2
4.242
V
INPUT CURRENT SENSE AMPLIFIER
Input Bias Current at CSIP and CSIN,
Pin (Charger Enabled)
IISIP_ON
EN = L
-
100
200
μA
Input Current Limit Threshold
IIN_LIM
CSIP-CSIN
88
100
112
mV
Electrical Specifications Typical specifications are measured at the following conditions: TA = +25°C;
VVIN = 5V. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS


Similar Part No. - ISL9220B_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220 INTERSIL-ISL9220 Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220 Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220A INTERSIL-ISL9220A Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results

Similar Description - ISL9220B_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com