Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250PWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28250PWR
Description  Advanced PWM Controller With Pre-Bias Operation
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28250PWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC28250PWR Datasheet HTML 15Page - Texas Instruments UCC28250PWR Datasheet HTML 16Page - Texas Instruments UCC28250PWR Datasheet HTML 17Page - Texas Instruments UCC28250PWR Datasheet HTML 18Page - Texas Instruments UCC28250PWR Datasheet HTML 19Page - Texas Instruments UCC28250PWR Datasheet HTML 20Page - Texas Instruments UCC28250PWR Datasheet HTML 21Page - Texas Instruments UCC28250PWR Datasheet HTML 22Page - Texas Instruments UCC28250PWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
SS
SS
REF / EA
27 A T
C
V
+
m ´
=
VSENSE
VREF
COMP
FB/EA-
REF/EA+
SS
UCC28250
+
+
C
SS
C
Z2
R
Z2
C
P1
C
Z3
R
Z3
R
O2
R
O1
R
S2
R
S1
VOUT
UCC28250
www.ti.com
SLUSA29A – APRIL 2010 – REVISED JUNE 2010
SS (Soft Start Programming Pin) (13/20)
The soft-start circuit gradually increases the converter’s output voltage until steady state operation is reached.
This reduces start-up stresses and current surge.
When the UCC28250 reaches its valid operating threshold, the SS pin capacitor is charged with a 27-µA current
source. The UCC28250’s internal error amplifier non-inverting terminal follows the SS pin voltage on REF/EA+
pin voltage depending on which one is lower. Hence, during soft start, the SS pin voltage is lower than REF/EA+.
The internal error amplifier then uses the SS pin as its reference voltage, until the SS pin voltage rises above the
REF/EA+ level. Once the SS pin voltage is above REF/EA+ voltage, soft-start time is considered finished.
The soft-start implementation scheme and timing is different, depending on the location of the UCC28250 with
respect to the isolation barrier.
For secondary-side control, the internal error amplifier is used to achieve the voltage regulation. The REF/EA+ is
connected to an external reference voltage, FB/EA- is connected to the voltage sensing divider, and the error
amplifier’s output pin (COMP) is connected through a compensation filter back to the FB/EA- pin (Figure 13). In
this case, the primary output’s start-up is a closed loop soft start (soft-start input reference of error amplifier). The
output soft-start time is determined by the external capacitor connected at SS pin based on the internal 27-µA
charging current and the voltage set at REF/EA+ pin.
Based on the soft-start time TSS, choose soft start capacitor CSS value as:
(9)
Figure 13. Error Amplifier EAMP Connections for secondary-side Control
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250PWR TI-UCC28250PWR Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI1-UCC28250PWR Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com