Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61183 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61183
Description  WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61183 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61183_10 Datasheet HTML 7Page - Texas Instruments TPS61183_10 Datasheet HTML 8Page - Texas Instruments TPS61183_10 Datasheet HTML 9Page - Texas Instruments TPS61183_10 Datasheet HTML 10Page - Texas Instruments TPS61183_10 Datasheet HTML 11Page - Texas Instruments TPS61183_10 Datasheet HTML 12Page - Texas Instruments TPS61183_10 Datasheet HTML 13Page - Texas Instruments TPS61183_10 Datasheet HTML 14Page - Texas Instruments TPS61183_10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
´
ISETH
FB
ISET
ISETH
V
I
=
K
R
8
DIM
FPWM
1.818
10
F
=
R
´
TPS61183
www.ti.com
SLVSAB4A – JUNE 2010 – REVISED JULY 2010
LED CURRENT SINKS
The six current sink regulators embedded in the TPS61183 can be collectively configured to provide up to a
maximum of 30 mA each. These six specialized current sinks are accurate to within ±2% max for currents at 20
mA, with a string-to-string difference of ±1.5% typical.
The IFB current must be programmed to the highest WLED current expected using the ISETH pin resistor and
Equation 2.
(2)
Where:
KISET = 980 (current multiple)
VISETH = 1.229V (ISETH pin voltage)
RISETH = ISETH pin resistor
ENABLE AND STARTUP
The internal regulator which provides VDDIO wakes up as soon as VIN is applied even when EN is low. This
allows the IC to start when EN is tied to the VDDIO pin; however, VDDIO does not come to full regulation until
EN is high. The TPS61183 checks the status of all current feedback channels and shuts down any unused
feedback channels. It is recommended to short the unused channels to ground for faster startup.
After the device is enabled, if the PWMIN pin is left floating, the output voltage of the TPS61183 regulates to the
minimum output voltage. Once the IC detects a voltage on the PWMIN pin, the TPS61183 begins to regulate the
IFB pin current, as pre-set per the ISETH pin resistor, according to the duty cycle of the signal on the PWMIN
pin. The boost converter output voltage rises to the appropriate level to accommodate the sum of the white LED
string with the highest forward voltage drops plus the headroom of the current sink at that current.
Pulling the EN pin low shuts down the IC, resulting in the IC consuming less than 11 µA in shutdown mode.
IFB PIN UNUSED
The TPS61183 has open/short string detection. For an unused IFB string, simply short it to ground or leave it
open. Shorting unused IFB pins to ground for faster startup is recommended.
BRIGHTNESS DIMMING CONTROL
The TPS61183 has programmable PWM dimming control with the PWM control interface.
The internal decoder block detects duty cycle information from the input PWM signal, saves it in an eight bit
register and delivers it to the output PWM dimming control circuit. The output PWM dimming control circuit turns
on/off six output current sinks at the PWM frequency set by RFPWM and the duty cycle from the decoder block.
The TPS61183 also has direct PWM dimming control with the PWM control interface. In direct PWM mode, each
current sink turns on/off at the same frequency and duty cycle as the input PWM signal. See the Mode Selection
section for dimming mode selection.
When in programmable PWM mode, it is recommended to insert a series resistor of 10k
Ω to 20kΩ value close to
PWMIN pin. This resistor together with an internal capacitor forms a low pass R-C filter with 30ns to 60ns time
constant. This prevents possible high frequency noises being coupled into the input PWM signal and causing
interference to the internal duty cycle decoding circuit. However, it is not necessary for direct PWM mode since
the duty cycle decoding circuit is disabled during the direct PWM mode.
ADJUSTABLE PWM DIMMING FREQUENCY AND MODE SELECTION (R_FPWM / MODE)
The TPS61183 can operate in programmable mode or direct PWM mode. Tying the RFPWM/MODE pin to
VDDIO forces the IC to operate in direct PWM mode. Alternatively, a resistor between the RFPWM/MODE pin
and ground sets the IC into programmable mode with the value of the resistor determines the PWM dimming
frequency. Use Equation 3 or refer to Table 2 to select the correct value:
(3)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61183


Similar Part No. - TPS61183_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61183_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61187 TI1-TPS61187 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Shenzhen Huazhimei Semi...
HM7157 HMSEMI-HM7157 Datasheet
587Kb / 8P
   PWM interface for stepless dimming
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Supertex, Inc
HV9925 SUTEX-HV9925 Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
HV9925-08 SUTEX-HV9925-08 Datasheet
1Mb / 10P
   Programmable-Current LED Lamp Driver IC with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com