Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA209AIDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA209AIDR
Description  OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA209AIDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA209AIDR Datasheet HTML 2Page - Texas Instruments OPA209AIDR Datasheet HTML 3Page - Texas Instruments OPA209AIDR Datasheet HTML 4Page - Texas Instruments OPA209AIDR Datasheet HTML 5Page - Texas Instruments OPA209AIDR Datasheet HTML 6Page - Texas Instruments OPA209AIDR Datasheet HTML 7Page - Texas Instruments OPA209AIDR Datasheet HTML 8Page - Texas Instruments OPA209AIDR Datasheet HTML 9Page - Texas Instruments OPA209AIDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0.1
1
10
100
1k
10k
100k
Frequency(Hz)
100
10
1
0.1
1
10
100
1k
10k
Frequency(Hz)
10
1
0.1
10
100
1k
20k
10k
Frequency(Hz)
0.001
0.0001
0.00001
V
S = ±15V
R =600W
L
G=+11
V
=3V
OUT
RMS
G=+1
V
=3V
OUT
RMS
0.01
0.1
1
10
100
OutputVoltageAmplitude(V
)
RMS
1
0.1
0.01
0.001
0.0001
0.00001
G=+11
G=+1
Time(1s/div)
0.1
1
10
100
1k
10M
10k
100k
1M
100M
Frequency(Hz)
160
140
120
100
80
60
40
20
0
+PSRR
-PSRR
OPA209
OPA2209
OPA4209
SBOS426B – NOVEMBER 2008 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±18V, RL = 10kΩ connected to midsupply, and VCM = VOUT = midsupply, unless otherwise noted.
INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
INPUT CURRENT NOISE DENSITY vs FREQUENCY
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE RATIO vs
TOTAL HARMONIC DISTORTION + NOISE RATIO vs
FREQUENCY
AMPLITUDE
Figure 3.
Figure 4.
POWER-SUPPLY REJECTION RATIO
0.1Hz TO 10Hz NOISE
vs FREQUENCY (REFERRED TO INPUT)
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA209 OPA2209 OPA4209


Similar Part No. - OPA209AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA209 TI-OPA209 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA209 TI-OPA209_15 Datasheet
1Mb / 29P
[Old version datasheet]   2.2nV/?숰z, Low-Power, 36V, Operational Amplifier
More results

Similar Description - OPA209AIDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com