Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2551PW Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB2551PW
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB2551PW Datasheet HTML 3Page - Texas Instruments TUSB2551PW Datasheet HTML 4Page - Texas Instruments TUSB2551PW Datasheet HTML 5Page - Texas Instruments TUSB2551PW Datasheet HTML 6Page - Texas Instruments TUSB2551PW Datasheet HTML 7Page - Texas Instruments TUSB2551PW Datasheet HTML 8Page - Texas Instruments TUSB2551PW Datasheet HTML 9Page - Texas Instruments TUSB2551PW Datasheet HTML 10Page - Texas Instruments TUSB2551PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS SYSTEM AND USB INTERFACE
(1)
TUSB2551
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
SCES667 – FEBRUARY 2008
VCC(I/O) = 3.6 V, VCC(5.0) = 5 V (unless otherwise noted), TA = 25 C. Bold indicates specifications over temperature, –40°C to
85
°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output
VOH
IOH = 20 µA
0.9 VCC(I/O)
V
voltage(2)
Low-level output
VOL
IOL = 20 µA
0.1
V
voltage(2)
IIL
Input leakage current(2)
–5
1.5
5
µA
SPEED
SUSPEND
OE
VOLTAGE
LOAD
1
0
1
1
5
1
0
0
1
5
0
0
1
1
5
µA
VCC(5.0) =
0
0
0
1
5
ICC(I/O)
VCC(I/O) supply current
5.25 V,
0
1
0
1
5
VCC(I/O) =
3.6 V
f = 6 MHz,
1
0
0
1
2
mA
CL = 50 pF
f = 750 kHz,
0
0
0
260
280
µA
CL = 600 pF
1
0
1
800
1100
1
0
0
3000
5000
0
0
1
230
350
µA
VCC(5.0) =
0
0
0
400
700
5.25 V,
ICC(5.0)
VCC(5.0) supply current
0
1
0
130
200
VCC(I/O) =
3.6 V
f = 6 MHz,
1
0
0
6
10
CL = 50 pF
mA
f = 750 kHz,
0
0
0
4..3
5
CL = 600 pF
IPU(3.3)LEAK
VPU(3.3) leakage current SOFTCON = 1, VPU(3.3) = 0 V
–5
5
µA
ICC(I/O)LEAK
VCC(I/O) leakage current VCC(I/O) = 3.6 V, VCC(5.0) = 0 V
–5
5
µA
VPU(3.3)
Pullup output voltage
Ireg(3.3) = 200 µA, VCC(5.0) = 4 V to 5.25 V
3
3.3
3.6
V
VPU(3.3) switch
RSW
Ireg(3.3) = 10 mA, VCC(5.0) = 4 V to 5.25 V
10
resistance
ESD PROTECTION
IEC-61000-4- Air-Gap Discharge
10 pulses
±9
2
kV
(D+, D–,
Contact Discharge
10 pulses
±9
VCC(5.0) only)
(1)
Specification for packaged product only
(2)
Specification applies to the following pins: RCV, VP, VM, OE.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TUSB2551


Similar Part No. - TUSB2551PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2551PW TI-TUSB2551PW Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551PWR TI-TUSB2551PWR Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
More results

Similar Description - TUSB2551PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Texas Instruments
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
   Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com