Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV06APWRE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LV06APWRE4
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV06APWRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV06APWRE4 Datasheet HTML 6Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 7Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 8Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 9Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 10Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 11Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 12Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 13Page - Texas Instruments SN74LV06APWRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74LV06APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV06APWRE4 TI-SN74LV06APWRE4 Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN74LV06APWRE4 TI-SN74LV06APWRE4 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LV06APWRE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
[Old version datasheet]   Hex Inverter Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV06A RENESAS-HD74LV06A_15 Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com