Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AHCT04_101 Datasheet(PDF) 20 Page - Texas Instruments

Part No. SN74AHCT04_101
Description  HEX INVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT04_101 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74AHCT04_101 Datasheet HTML 15Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 16Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 17Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 18Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 19Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 20Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 21Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 22Page - Texas Instruments SN74AHCT04_101 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74AHCT04_101

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74AHCT04D TI-SN74AHCT04D Datasheet
623Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04D TI-SN74AHCT04D Datasheet
921Kb / 22P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04D TI-SN74AHCT04D Datasheet
763Kb / 19P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04DB TI-SN74AHCT04DB Datasheet
623Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04DBLE TI-SN74AHCT04DBLE Datasheet
623Kb / 17P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74AHCT04_101

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
Diodes Incorporated
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
Texas Instruments
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
Renesas Technology Corp
Renesas Technology Corp
HD74LVC04 RENESAS-HD74LVC04 Datasheet
176Kb / 6P
   Hex Inverters
Hitachi Semiconductor
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz