Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65ELT22DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ELT22DR
Description  5-V Dual TTL-to-Differential PECL Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ELT22DR Datasheet(HTML) 3 Page - Texas Instruments

  SN65ELT22DR Datasheet HTML 1Page - Texas Instruments SN65ELT22DR Datasheet HTML 2Page - Texas Instruments SN65ELT22DR Datasheet HTML 3Page - Texas Instruments SN65ELT22DR Datasheet HTML 4Page - Texas Instruments SN65ELT22DR Datasheet HTML 5Page - Texas Instruments SN65ELT22DR Datasheet HTML 6Page - Texas Instruments SN65ELT22DR Datasheet HTML 7Page - Texas Instruments SN65ELT22DR Datasheet HTML 8Page - Texas Instruments SN65ELT22DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PECL DC CHARACTERISTICS
TTL DC CHARACTERISTICS
AC CHARACTERISTICS
SN65ELT22
www.ti.com............................................................................................................................................................................................ SLLS924 – DECEMBER 2008
At VCC = 5.0 V, GND = 0.0 V (unless otherwise noted)
(1) (2)
TA = –40°C
TA = 25°C
TA = 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Power supply current
17.3
20
18.2
20
19.4
22
mA
VOH
High-level output voltage
See (3)
3915
3954
4120
3915
3958
4120
3915
3961
4120
mV
VOL
Low-level output voltage
See (3)
3170
3236
3380
3170
3231
3380
3170
3229
3380
mV
(1)
The device meets the specifications after thermal balance has been established when mounted in a socket or printed circuit board with
maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating temperature
range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied
individually under normal operating conditions and not valid simultaneously.
(2)
Input and output parameters vary 1:1 with VCC. VCC can vary +0.7 V /–0.8 V.
(3)
Outputs are terminated through a 50-
Ω resistor to VCC – 2.0 V.
At VCC = 4.2 V to 5.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
VIN = 2.7 V, VIN = (VCC – 0.025) V
20
µA
IIHH
High-level input current
VIN = VCC
20
µA
IIL
Low-level input current
VIN = 0.5 V, VIN = (GND + 0.025) V
–200
µA
VIK
Input clamp diode voltage
IIN = –18 mA
–1.2
V
VIH
High-level input voltage
2.0
Vcc– 0.025
V
VIL
Low-level input voltage
GND + 0.025
0.8
V
(1)
The device meets the specifications after thermal balance has been established when mounted in a socket or printed circuit board with
maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating temperature
range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied
individually under normal operating conditions and not valid simultaneously
At VCC = 4.2 V to 5.7 V, GND = 0.0 V (unless otherwise noted)
(1)
TA = –40°C
TA = 25°C
TA = 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Max switching
fMAX
frequency(2),
500
490
470
MHz
see Figure 5
tPLH
0.6
0.83
1.1
0.6
0.84
1.1
0.6
0.85
1.1
Propagation delay time
1.5 V to 50%
ns
tPHL
0.5
0.9
0.5
0.9
0.5
0.9
Within device skew
See(3)
25
90
25
90
25
90
tSKEW
ps
Device-to-device skew
See (4)
25
100
25
100
25
100
Random clock jitter
tJITTER
0.5
0.5
0.5
ps
(RMS)
tr/tf
Output rise/fall times
Q (20%–80%)
0.7
1.1
0.7
1.1
0.7
1.1
ns
(1)
The device meets the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are assured only over the declared operating
temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are
applied individually under normal operating conditions and not valid simultaneously.
(2)
Maximum switching frequency measured at output amplitude of 300 mVpp.
(3)
Measured between outputs under the identical transitions and conditions on any one device.
(4)
Device-to-device skew for identical transitions at identical VCC levels.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65ELT22


Similar Part No. - SN65ELT22DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT22DR TI-SN65ELT22DR Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22DR TI-SN65ELT22DR Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
More results

Similar Description - SN65ELT22DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT23 TI-SN65ELT23 Datasheet
443Kb / 11P
[Old version datasheet]   5-V Dual Differential PECL Buffer-to-TTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com