Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9546ADR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9546ADR
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546ADR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9546ADR Datasheet HTML 4Page - Texas Instruments PCA9546ADR Datasheet HTML 5Page - Texas Instruments PCA9546ADR Datasheet HTML 6Page - Texas Instruments PCA9546ADR Datasheet HTML 7Page - Texas Instruments PCA9546ADR Datasheet HTML 8Page - Texas Instruments PCA9546ADR Datasheet HTML 9Page - Texas Instruments PCA9546ADR Datasheet HTML 10Page - Texas Instruments PCA9546ADR Datasheet HTML 11Page - Texas Instruments PCA9546ADR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148E – OCTOBER 2005 – REVISED JANUARY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
II
Input current
±20
mA
IO
Output current
±25
mA
Continuous current through VCC
±100
mA
Continuous current through GND
±100
mA
D package
73
DGV package
120
DW package
57
θ
JA
Package thermal impedance(3)
°C/W
PW package
108
RGV package
51.38
RGY package
50
Ptot
Total power dissipation
400
mW
Tstg
Storage temperature range
–65
150
°C
TA
Operating free-air temperature range
–40
85
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
SCL, SDA
0.7
× V
CC
6
VIH
High-level input voltage
V
A2–A0, RESET
0.7
× V
CC
VCC + 0.5
SCL, SDA
–0.5
0.3
× V
CC
VIL
Low-level input voltage
V
A2–A0, RESET
–0.5
0.3
× V
CC
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9546A


Similar Part No. - PCA9546ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9546ADR TI-PCA9546ADR Datasheet
1Mb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546ADR TI-PCA9546ADR Datasheet
1,020Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546ADR TI-PCA9546ADR Datasheet
933Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546ADRG4 TI-PCA9546ADRG4 Datasheet
1Mb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546ADRG4 TI-PCA9546ADRG4 Datasheet
1,020Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
More results

Similar Description - PCA9546ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9546A TI-PCA9546A_1 Datasheet
1,020Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A_2 Datasheet
933Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546A TI-PCA9546A Datasheet
1Mb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
TCA9546A TI1-TCA9546A Datasheet
982Kb / 31P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Switch with Reset Function
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
PCA9546A PHILIPS-PCA9546A Datasheet
144Kb / 25P
   4-channel I2C switch with reset
Rev. 03-6 April 2005
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com