Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD23B Datasheet(PDF) 5 Page - BeRex Corporation

Part # BD23B
Description  Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD23B Datasheet(HTML) 5 Page - BeRex Corporation

  BD23B Datasheet HTML 1Page - BeRex Corporation BD23B Datasheet HTML 2Page - BeRex Corporation BD23B Datasheet HTML 3Page - BeRex Corporation BD23B Datasheet HTML 4Page - BeRex Corporation BD23B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BeRex
BD23B
http: //www.berex.com
Suggested PCB Land Pattern and PAD Layout
PCB Land Pattern
PCB Mounting
0.018"(0.45)
0.047"(1.20)
0.076"(1.92)
0.157"(3.98)
0.198"(5.02)
0.030"(0.76)
0.040"(1.01)
RF Out1
RF Out2
Visit http://www.berex.com for PCB layout
Tape & Reel
Packaging information:
SOIC8
SOIC8-Part orientation
Direction of feed
Tape Width (mm): 12
Reel Size (inches): 7
Device Cavity Pitch (mm): 8
Devices Per Reel: 1000
Lead plating finish
100% Tin Matte finish.
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin
whisker growth concerns)
MSL / ESD Rating
MSL Rating:
Standard:
Level 3 at +265C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
NOTICE
BeRex Corporation reserves the right to make changes of product specification or to
discontinue product at any time without notice.
2
N
9
6
F


Similar Part No. - BD23B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD23B BEREX-BD23B Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B Datasheet
830Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B Datasheet
548Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_14 Datasheet
830Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results

Similar Description - BD23B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD2326 BEREX-BD2326 Datasheet
167Kb / 4P
   Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
BD25B BEREX-BD25B Datasheet
271Kb / 5P
   Quadruple Band 2-Way SMT Power Divider 1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
BD19B BEREX-BD19B Datasheet
263Kb / 5P
   Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD1926 BEREX-BD1926 Datasheet
139Kb / 4P
   Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD2326 BEREX-BD2326_18 Datasheet
488Kb / 5P
   Triple Band 2-Way SMT Power Divider
BD2326 BEREX-BD2326_14 Datasheet
727Kb / 4P
   Triple Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com