Electronic Components Datasheet Search |
|
SD-501646-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-501646-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5016462800 Status: Active Overview: igrid Description: 2.00mm (.079") Pitch iGrid™ Wire-to-Board Housing, Dual Row, Positive Lock, 28 Circuits Documents: 3D Model Product Specification PS-501646-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Crimp Housings Series 501646 MolexKits Yes Overview igrid Product Name iGrid™ Physical Circuits (maximum) 28 Color - Resin Natural Gender Female Glow-Wire Compliant No Lock to Mating Part Yes Material - Resin Nylon Number of Rows 2 Packaging Type Bag Panel Mount No Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -25°C to +85°C Material Info Reference - Drawing Numbers Product Specification PS-501646-001, RPS-501646-001, RPS-501646-002, RPS-501646-003, RPS-501646-004, RPS-501646-005, RPS-501646-006, RPS-501646-007, RPS-503091-001 Sales Drawing SD-501646-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 501646Series Mates With 501645 Vertical Header . 501876 Right Angle Header Use With 501647 22-26 AWG Terminal . 501648 26-28 AWG Terminal This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - SD-501646-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |