Electronic Components Datasheet Search |
|
0917780103 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0917780103 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 9 page This document was generated on 05/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0917780103 Status: Active Overview: rast_5_connector_system Description: 5.00mm (.197") Appli-Mate RAST 5 IDT Housing, Indirect, Female, 10 Amp, 3 Circuit, Position Key 1b, Code Keys 01c, d20, Reference K01 Documents: 3D Model Product Specification PS-99020-0037 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family IDT and Solder Connectors Series 91778 Crimp Quality Equipment Yes Overview rast_5_connector_system Product Name RAST 5 Use With RAST standard interface Physical Circuits (Loaded) 3 Circuits (maximum) 3 Color - Resin Natural (White) Durability (mating cycles max) 10 Flammability 94V-2 Gender Female Glow-Wire Compliant Yes Lock to Mating Part Yes Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 1 Packaging Type Tray Panel Mount No Pitch - Mating Interface (in) 0.197 In Pitch - Mating Interface (mm) 5.00 mm Pitch - Term. Interface (in) 0.197 In Pitch - Term. Interface (mm) 5.00 mm Plating min: Mating (µin) 200 Plating min: Mating (µm) 5 Plating min: Termination (µin) 200 Plating min: Termination (µm) 5 Polarized to Mating Part Yes Stackable No Temperature Range - Operating -20C TO +120C Termination Interface: Style IDT or Pierce Wire Size AWG 22, 24 Electrical Current - Maximum per Contact 10A Voltage - Maximum 250V AC Material Info Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 91778Series Mates With 90858 RAST Vertical Header, Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # RAST 5.0 Semi- Automatic Terminator Machine for Appli-Mate™ Connector 6 and 10 AMP 0623006300 |
Similar Part No. - 0917780103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |