Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4572 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4572
Description  800V/20mA Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4572 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4572 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4572 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4572 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 2SC4572

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Inchange Semiconductor ...
2SC4570 ISC-2SC4570 Datasheet
280Kb / 9P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4570 RENESAS-2SC4570 Datasheet
268Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC4570-T1 NEC-2SC4570-T1 Datasheet
66Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4570-T1 RENESAS-2SC4570-T1 Datasheet
268Kb / 9P
   NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC4572

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4579 SANYO-2SC4579 Datasheet
89Kb / 3P
   900V/20mA Switching Applications
2SC4031 SANYO-2SC4031 Datasheet
87Kb / 3P
   900V/20mA Switching Applications
2SC3994 SANYO-2SC3994_1 Datasheet
102Kb / 4P
   800V/25A Switching Regulator Applications
2SC4635LS SANYO-2SC4635LS Datasheet
28Kb / 3P
   1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
logo
Rohm
2SK2294 ROHM-2SK2294 Datasheet
139Kb / 5P
   Switching (800V, 3A)
logo
Sanyo Semicon Device
2SC4119 SANYO-2SC4119 Datasheet
84Kb / 3P
   800V/15A Driver Applications
logo
DOMINANT Semiconductors
NMRTB-CSS DOMINANT-NMRTB-CSS Datasheet
535Kb / 13P
   SPNovaLED: 20mA
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com