Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

502225-0801 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 502225-0801
Description  2.50mm (.098"), 3.50mm (.138"), 3.70mm (.146") CMC Header, Right Angle, 80 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

502225-0801 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  502225-0801 Datasheet HTML 1Page - Molex Electronics Ltd. 502225-0801 Datasheet HTML 2Page - Molex Electronics Ltd. 502225-0801 Datasheet HTML 3Page - Molex Electronics Ltd. 502225-0801 Datasheet HTML 4Page - Molex Electronics Ltd. 502225-0801 Datasheet HTML 5Page - Molex Electronics Ltd. 502225-0801 Datasheet HTML 6Page - Molex Electronics Ltd. 502225-0801 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-64319-001
Sales Drawing
SD-502225-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 502225-0801

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5022250801 MOLEX-5022250801 Datasheet
445Kb / 2P
   CMC HEADER 80PIN
Rev. A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com