Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-501912-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501912-002
Description  0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style, 1.80mm (.071") Mated Height, 33 Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501912-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501912-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501912-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501912-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501912-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501912-002 Datasheet HTML 5Page - Molex Electronics Ltd. SD-501912-002 Datasheet HTML 6Page - Molex Electronics Ltd. SD-501912-002 Datasheet HTML 7Page - Molex Electronics Ltd. SD-501912-002 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5019123390
Status:
Active
Description:
0.30mm (.012") Pitch Easy-On™ FPC Connector, Right Angle, SMT, Bottom Contact
Style, 1.80mm (.071") Mated Height, 33 Circuits
Documents:
3D Model
Product Specification PS-501912-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
501912
Product Name
Easy-On™
Physical
Circuits (Loaded)
33
Circuits (maximum)
33
Color - Resin
Black, Natural
Contact Position
Bottom
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height (in)
0.071 In
Mated Height (mm)
1.80 mm
Material - Metal
Copper, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.012 In
Pitch - Mating Interface (mm)
0.30 mm
Pitch - Term. Interface (in)
0.012 In
Pitch - Term. Interface (mm)
0.30 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FPC only
Electrical
Current - Maximum per Contact
0.2A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-501912-001, RPS-501912-002, RPS-501912-003
Sales Drawing
SD-501912-001, SD-501912-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501912Series


Similar Part No. - SD-501912-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501912-002 MOLEX11-SD-501912-002 Datasheet
583Kb / 8P
   0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style
SD-501912-002 MOLEX11-SD-501912-002 Datasheet
583Kb / 8P
   0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style
SD-501912-002 MOLEX11-SD-501912-002 Datasheet
583Kb / 8P
   0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style
SD-501912-002 MOLEX11-SD-501912-002 Datasheet
583Kb / 8P
   0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style, 1.80mm (.071")
SD-501912-002 MOLEX11-SD-501912-002 Datasheet
586Kb / 8P
   0.30mm (.012") Pitch Easy-On FPC Connector, Right Angle, SMT, Bottom Contact Style, 1.80mm (.071")
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com